| Moteur de recherche de fiches techniques de composants électroniques |
|
CS1631-FSZ Fiches technique(PDF) 37 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS1631-FSZ Fiches technique(HTML) 37 Page - Cirrus Logic |
|
37 / 56 page ![]() CS1630/31 DS954F2 37 6.20 Configuration 15 (Config15) – Address 47 6.21 Configuration 16 (Config16) – Address 48 7 654 32 10 EXIT_PH3 EXIT_PH2 EXIT_PH1 EXIT_PH0 DECL_PH3 DECL_PH2 DECL_PH1 DECL_PH0 Number Name Description [7:4] EXIT_PH[3:0] Configures the number of channel 1 switching periods between phase syn- chronization conditions on the second stage. EXIT_PH[3:0] provides a hyster- esis to prevent consecutive resynchronizations by the controller. The value is an unsigned integer in the range of 0 value15. EXIT_PH[3:0] needs to be configured only for designs that use a dual channel synchronization circuit and is not directly driven from the SYNC pin. The RESYNC bit must be enabled (see “Configuration 17 (Config17) – Address 49” on page 38). [3:0] DECL_PH[3:0] Configures the number of second stage switching periods with improper out- put identification until the controller resynchronizes. There is a counter that increments by 1 on improper output identification and decrements by 2 if proper output identification is measured. If this counter exceeds the threshold set by bits DECL_PH[3:0] and the controller has not seen a phase resynchro- nization in EXIT_PH[3:0] cycles, the controller resynchronizes. The value is an unsigned integer in the range of 0 value15. DECL_PH[3:0] needs to be con- figured only for designs that use a dual channel synchronization circuit and is not directly driven from the SYNC pin. The RESYNC bit must be enabled (see “Configuration 17 (Config17) – Address 49” on page 38). 7 654 32 10 RE2_ZCD2 RE2_ZCD1 RE2_ZCD0 CH2_ZCD2 CH2_ZCD1 CH2_ZCD0 SCP VDIFF Number Name Description [7:5] RE2_ZCD[2:0] Sets the fixed time delay TRE2ZCD(delay) for zero-current detection (ZCD) com- parator to account for the delay on the rising edge of ZCD for channel 2. The value is an unsigned integer in the range of 0 value7. The delay is defined by: [4:2] CH2_ZCD[2:0] Sets fixed time delay TCH2ZCD(delay) to account for the delay of the second stage zero-current detection (ZCD) comparator during channel 2 switching cycles when the voltage applied to the FBAUX pin falls below the 200mV ZCD comparator threshold. Configuring TCH2ZCD(delay) is essential to achieve good quasi-resonant (valley switching) performance. The value is an unsigned inte- ger in the range of 0 value7. The delay is defined by: [1] SCP Configures the second stage short circuit protection. 0 = Enable short circuit protection 1 = Disable short circuit protection [0] VDIFF Configures the VDiff fault mechanism for use by the protection module. 0 = Enable VDiff fault 1 = Disable VDiff fault TRE2ZCD delay RE2_ZCD = [2:0] 50ns TCH2ZCD delay CH2_ZCD = [2:0] 50ns |