| Moteur de recherche de fiches techniques de composants électroniques |
|
IR4301 Fiches technique(PDF) 3 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IR4301 Fiches technique(HTML) 3 Page - International Rectifier |
|
3 / 14 page ![]() IR4301,IR4311 3 www.irf.com © 2012 International Rectifier December 5, 2012 Description The IR4301, IR4311 integrates PWM controller and digital audio MOSFETs forming a high performance Class D audio amplifier. As a result of fully optimized MOSFETs co-packed with a dedicated controller IC, the IR4301, IR4311 operates without mechanical heatsink attached in a typical music playback usage. High voltage ratings and noise immunity in the controller IC ensures reliable operation over various environmental conditions. A small 5x6 mm PQFN package enhances the benefit of smaller size of Class D topology. The IR4301, IR4311 are a lead-free, ROHS compliant. Typical Connection Diagram 1. Inverting Amplifier -B +B Speaker VB VAA VSS IN+ IN- COMP CSD COM VN VS VP VCC CSH GND VCC INPUT 2. Differential Amplifier -B +B Speaker VB VAA VSS IN+ IN- COMP CSD COM VN VS VP VCC CSH GND VCC IN- IN+ |