Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

110901-0010 Fiches technique(PDF) 31 Page - ITT Industries

No de pièce 110901-0010
Description  DL / DLM / DLD ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

110901-0010 Fiches technique(HTML) 31 Page - ITT Industries

Back Button 110901-0010 Datasheet HTML 27Page - ITT Industries 110901-0010 Datasheet HTML 28Page - ITT Industries 110901-0010 Datasheet HTML 29Page - ITT Industries 110901-0010 Datasheet HTML 30Page - ITT Industries 110901-0010 Datasheet HTML 31Page - ITT Industries 110901-0010 Datasheet HTML 32Page - ITT Industries 110901-0010 Datasheet HTML 33Page - ITT Industries 110901-0010 Datasheet HTML 34Page - ITT Industries 110901-0010 Datasheet HTML 35Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
30
ZIF Connectors
DLM3
DLM3 — Metal Body — 60 Pin Connectors — Crimp Contacts
Plug
For contact cavity arrangement, see page 68.
For panel cutout and mounting hole pattern,
see page 65.
Crimp contacts are to be ordered separately
and installed by customer, see pages 52-53.
Order actuating handle kit separately,
see page 47.
Part Number
Nomenclature
127050-0220
DLM3-60P
Receptacle
For contact cavity arrangement, see page 68.
For panel cutout and mounting hole pattern,
see page 65.
Crimp contacts are to be ordered separately
and installed by customer, see pages 52-53.
Part Number
Nomenclature
127050-0224
DLM3-60R
2X Ø 2,30
(.091)
50,55 (1.992)
65,80 (2.592)
24,90 (.981)
11,89 (.468)
57,91 (2.280)
4X Ø 3,20
(.126)
7,92 (.312)
23,10
(.910)
6,35
(.250)
74,75
(2.945)
38,85
(1.530)
CAMSHAFT
TURNING DIRECTION
49,02 (1.931)
2X Ø 2,30
(.091)
50,55 (1.992)
65,80 (2.592)
24,90 (.981)
11,89 (.468)
57,91 (2.280)
4X Ø 3,20
(.126)
7,75 (.305)
6,35
(.250)
20,55
(.810)
49,02 (1.931)
19,94
(.785)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76