| Moteur de recherche de fiches techniques de composants électroniques |
|
ATS657LSHTN-T Fiches technique(PDF) 14 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ATS657LSHTN-T Fiches technique(HTML) 14 Page - Allegro MicroSystems |
|
14 / 15 page ![]() Dynamic, Self-Calibrating, Threshold-Detecting, Differential Speed and Direction Hall-Effect Gear Tooth Sensor IC ATS657 14 Allegro MicroSystems, Inc. 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com 0.71±0.05 5.00±0.10 4.00±0.10 1.00±0.10 0.60±0.10 24.65±0.10 13.10±0.10 1.0 REF 0.71±0.10 0.71±0.10 1.60±0.10 1.27±0.10 5.50±0.10 5.50±0.05 8.00±0.05 5.80±0.05 1.70±0.10 24 3 1 A A B D For Reference Only, not for tooling use (reference DWG-9003) Dimensions in millimeters A B C C D Dambar removal protrusion (16X) Metallic protrusion, electrically connected to pin 4 and substrate (both sides) Thermoplastic Molded Lead Bar for alignment during shipment Active Area Depth 0.43 mm REF Branded Face Standard Branding Reference View = Supplier emblem L = Lot identifier N = Last three numbers of device part number Y = Last two digits of year of manufacture W = Week of manufacture LLLLLLL YYWW NNN Branding scale and appearance at supplier discretion 0.38 +0.06 –0.04 F E F F E 1.50 E2 E3 E1 1.50 Hall elements (E1, E2, E3); not to scale Package SH 4-Pin SIP |