Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATS642LSHTN-I2-T Fiches technique(PDF) 8 Page - Allegro MicroSystems

No de pièce ATS642LSHTN-I2-T
Description  The ATS642LSH is an optimized Hall effect sensing integrated circuit and magnet combination that provides a user-friendly solution for true zero-speed digital gear-tooth sensing in two-wire applications.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS642LSHTN-I2-T Fiches technique(HTML) 8 Page - Allegro MicroSystems

Back Button ATS642LSHTN-I2-T Datasheet HTML 4Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 5Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 6Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 7Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 8Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 9Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 10Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 11Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Two-Wire True Zero Speed Miniature Differential
Peak-Detecting Gear Tooth Sensor with Continuous Calibration
ATS642LSH
8
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
ΔTEAGIN (mm)
Allowable Air Gap Movement from TEAGCAL
-0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Characteristic Allowable Air Gap Movement
60-0 (60 Tooth Target)
The colored area in the chart above shows the region of allow-
able air gap movement within which the sensor will continue
output switching. The output duty cycle is wholly dependent on
the target’s magnetic signature across the air gap range of move-
ment, and may not always be within specification throughout the
entire operating region (to AG(OPmax)).
The axis parameters for the chart are defined in the draw-
ings below. As an example, assume the case where the air gap
is allowed to vary from from the nominal installed air gap
(TEAGCAL, panel a) within the range defined by an increase of
TEAGOUT = 0.35 mm (shown in panel b), and a decrease of
TEAGIN = 0.65 mm (shown in panel c). This case is plotted
with an “x” in the chart above.
For more information on these figures and the calculations used to generate them, please refer to the Applications
Note Determining Allowable Air Gap Variation for the ATS642.
TEAG
IN
Sensor
Sensor
TEAG
OUT
(a)
Sensor
TEAG
CAL
(b)
(c)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16