Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACT8600 Fiches technique(PDF) 42 Page - Active-Semi, Inc

No de pièce ACT8600
Description  Advanced PMU for Ingenic JZ4760/60B/70 Processors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTIVE-SEMI [Active-Semi, Inc]
Site Internet  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8600 Fiches technique(HTML) 42 Page - Active-Semi, Inc

Back Button ACT8600 Datasheet HTML 38Page - Active-Semi, Inc ACT8600 Datasheet HTML 39Page - Active-Semi, Inc ACT8600 Datasheet HTML 40Page - Active-Semi, Inc ACT8600 Datasheet HTML 41Page - Active-Semi, Inc ACT8600 Datasheet HTML 42Page - Active-Semi, Inc ACT8600 Datasheet HTML 43Page - Active-Semi, Inc ACT8600 Datasheet HTML 44Page - Active-Semi, Inc ACT8600 Datasheet HTML 45Page - Active-Semi, Inc ACT8600 Datasheet HTML 46Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 50 page
background image
ACT8600
Rev 3, 15-Nov-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 42 -
www.active-semi.com
REGx/VSET[4:0]
000
001
010
011
100
101
110
111
00000
3.000
3.000
3.000
6.200
9.400
12.600
19.000
31.800
00001
3.000
3.000
3.100
6.300
9.500
12.800
19.400
32.200
00010
3.000
3.000
3.200
6.400
9.600
13.000
19.800
32.600
00011
3.000
3.000
3.300
6.500
9.700
13.200
20.200
33.000
00100
3.000
3.000
3.400
6.600
9.800
13.400
20.600
33.400
00101
3.000
3.000
3.500
6.700
9.900
13.600
21.000
33.800
00110
3.000
3.000
3.600
6.800
10.000
13.800
21.400
34.200
00111
3.000
3.000
3.700
6.900
10.100
14.000
21.800
34.600
REGx/VSET[7:5]
01000
3.000
3.000
3.800
7.000
10.200
14.200
22.200
35.000
01001
3.000
3.000
3.900
7.100
10.300
14.400
22.600
35.400
01010
3.000
3.000
4.000
7.200
10.400
14.600
23.000
35.800
01011
3.000
3.000
4.100
7.300
10.500
14.800
23.400
36.200
01100
3.000
3.000
4.200
7.400
10.600
15.000
23.800
36.600
01101
3.000
3.000
4.300
7.500
10.700
15.200
24.200
37.000
01110
3.000
3.000
4.400
7.600
10.800
15.400
24.600
37.400
01111
3.000
3.000
4.500
7.700
10.900
15.600
25.000
37.800
10000
3.000
3.000
4.600
7.800
11.000
15.800
25.400
38.200
10001
3.000
3.000
4.700
7.900
11.100
16.000
25.800
38.600
10010
3.000
3.000
4.800
8.000
11.200
16.200
26.200
39.000
10011
3.000
3.000
4.900
8.100
11.300
16.400
26.600
39.400
10100
3.000
3.000
5.000
8.200
11.400
16.600
27.000
39.800
10101
3.000
3.000
5.100
8.300
11.500
16.800
27.400
40.200
10110
3.000
3.000
5.200
8.400
11.600
17.000
27.800
40.600
10111
3.000
3.000
5.300
8.500
11.700
17.200
28.200
41.000
11000
3.000
3.000
5.400
8.600
11.800
17.400
28.600
41.400
11001
3.000
3.000
5.500
8.700
11.900
17.600
29.000
41.400
11010
3.000
3.000
5.600
8.800
12.000
17.800
29.400
41.400
11011
3.000
3.000
5.700
8.900
12.100
18.000
29.800
41.400
11100
3.000
3.000
5.800
9.000
12.200
18.200
30.200
41.400
11101
3.000
3.000
5.900
9.100
12.300
18.400
30.600
41.400
11110
3.000
3.000
6.000
9.200
12.400
18.600
31.000
41.400
11111
3.000
3.000
6.100
9.300
12.500
18.800
31.400
41.400
Table 6:
VSET[ ] Output Voltage Setting of DC/DC Step-Up Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50