Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD526 Fiches technique(PDF) 14 Page - Analog Devices

No de pièce AD526
Description  Software Programmable Gain Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD526 Fiches technique(HTML) 14 Page - Analog Devices

Back Button AD526 Datasheet HTML 6Page - Analog Devices AD526 Datasheet HTML 7Page - Analog Devices AD526 Datasheet HTML 8Page - Analog Devices AD526 Datasheet HTML 9Page - Analog Devices AD526 Datasheet HTML 10Page - Analog Devices AD526 Datasheet HTML 11Page - Analog Devices AD526 Datasheet HTML 12Page - Analog Devices AD526 Datasheet HTML 13Page - Analog Devices AD526 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
AD526
REV. D
–14–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
16-Lead Plastic
DIP Package (N-16)
16
18
9
PIN 1
SEATING
PLANE
0.100
(2.54)
0.87 (22.1) MAX
0.31
(7.87)
0.25
(6.25)
0.125 (3.18)
MIN
0.18
(4.57)
0.035
(0.89)
0.018
(0.46)
0.033
(0.84)
0.3 (7.62)
0.18
(4.57)
MAX
0.011
(0.28)
16-Lead Sided-Brazed
Ceramic Package (D-16)
16
1
8
9
PIN 1
0.265
(6.73)
0.290
0.010
(7.37
0.254)
0.430
(10.922)
0.040R
0.180
0.03
(4.57
0.762)
0.800
0.010
(20.32
0.254)
0.100
(2.54)
BSC
SEATING
PLANE
0.095 (2.41)
0.310
0.01
(7.874
0.254)
0.047
0.007
(1.19
0.18)
0.700 (17.78) BSC
+0.003
–0.002
0.017
+0.076
–0.05
(0.43
)
0.035
0.01
(0.889
0.254)
0.125
(3.175)
MIN
0.300
(7.62)
REF
0.085 (2.159)
0.010
0.002
(0.254
0.05)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14