Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACT366 Fiches technique(PDF) 8 Page - Active-Semi, Inc

No de pièce ACT366
Description  High Performance ActivePSRTM Primary Switching Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTIVE-SEMI [Active-Semi, Inc]
Site Internet  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT366 Fiches technique(HTML) 8 Page - Active-Semi, Inc

Back Button ACT366 Datasheet HTML 3Page - Active-Semi, Inc ACT366 Datasheet HTML 4Page - Active-Semi, Inc ACT366 Datasheet HTML 5Page - Active-Semi, Inc ACT366 Datasheet HTML 6Page - Active-Semi, Inc ACT366 Datasheet HTML 7Page - Active-Semi, Inc ACT366 Datasheet HTML 8Page - Active-Semi, Inc ACT366 Datasheet HTML 9Page - Active-Semi, Inc ACT366 Datasheet HTML 10Page - Active-Semi, Inc ACT366 Datasheet HTML 11Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ACT366
Rev 1, 14-Nov-12
Innovative Power
TM
- 8 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
TYPICAL APPLICATION CONT’D
the input capacitor ground lead, and the ACT366 G
pin to a single point (star ground configuration).
VFB Sampling Waveforms
ACT366 senses the output voltage information
through the VFB waveforms. Proper VFB waveforms
are required for IC to operate in a stable status. To
avoid mis-sampling, 1.0µs blanking time is added to
blank the ringing period due to the leakage
inductance and the circuit parasitic capacitance.
Figure 2 is the recommended VFB waveform to
guarantee the correct sampling point so that the
output information can be sent back into the IC to
do the appropriate control.
Figure 2:
1.0µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11