Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACE24LC02DP+TH Fiches technique(PDF) 7 Page - ACE Technology Co., LTD.

No de pièce ACE24LC02DP+TH
Description  Two-wire Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACE [ACE Technology Co., LTD.]
Site Internet  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24LC02DP+TH Fiches technique(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE24LC02DP+TH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24LC02DP+TH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24LC02DP+TH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24LC02DP+TH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24LC02DP+TH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24LC02DP+TH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24LC02DP+TH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24LC02DP+TH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24LC02DP+TH Datasheet HTML 11Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ACE24LC02/04/08/16
Two-wire Serial EEPROM
VER 1.6
7
Stop Condition:
A low-to-high transition of SDA with SCL high is a stop condition. After a read sequence, the stop command
will place the EEPROM in a standby power mode (refer to Figure 5).
Acknowledge:
All addresses and data words are serially transmitted to and from the EEPROM in 8-bit words. The
EEPROM sends a zero during the ninth clock cycle to acknowledge that it has received each word. The
happens during the ninth clock cycle. Following receipt each word from the EEPROM, the
microcontroller should send a zero to EEPROM and continue to output the next data word or send a
stop condition to finish the read cycle.
Standby Mode :
The ACE24LC02/04/08/16 features a low-power standby mode which is enabled: (a) upon power-up
and (b) after the receipt of the stop bit and the completion of any internal operations.
Device Reset :
After an interruption in protocol power loss or system reset, any two-wire part can be protocol reset by following
these steps:
1. Clock up to 9 cycles.
2. Look for SDA high in each cycle while SCL is high and then.
3. Create a start condition.
Bus Timing
Figure 2.SCL: Serial Clock, SDA: Serial Data I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18