Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACE24C08B Fiches technique(PDF) 5 Page - ACE Technology Co., LTD.

No de pièce ACE24C08B
Description  Two-wire Serial EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACE [ACE Technology Co., LTD.]
Site Internet  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C08B Fiches technique(HTML) 5 Page - ACE Technology Co., LTD.

  ACE24C08B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24C08B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24C08B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24C08B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24C08B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24C08B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24C08B Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C08B Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C08B Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ACE24C02/04/08/16B
Two-wire Serial EEPROM
VER 1.3
5
Write Protect Description
WP Pin Status
Part of the Array Protected
ACE24C02B
ACE24C04B
ACE24C08B
ACE24C16B
At VCC
Full (2K) Array
Full (4K) Array
Full (8K) Array
Upper Half (16K) Array
At GND
Normal Read / Write Operations
Memory Organization
ACE24C02B, 2K SERIAL EEPROM:
Internally organized with 32 pages of 8 bytes each, the 2K requires an 8-bit data word address for
random word addressing.
ACE24C04B, 4K SERIAL EEPROM:
Internally organized with 32 pages of 16 bytes each, the 4K requires a 9-bit data word address for
random word addressing.
ACE24C08B, 8K SERIAL EEPROM:
Internally organized with 64 pages of 16 bytes each, the 8K requires a 10-bit data word address for
random word addressing.
ACE24C16B, 16K SERIAL EEPROM:
Internally organized with 128 pages of 16 bytes each, the 16K requires an 11-bit data word address for
random word addressing.
Pin Capacitance
Applicable over recommended operating range from: TA = 25℃, f = 1.0 MHz, VCC = +1.8V.
Symbol
Test Condition
Max
Units
Conditions
CI/O
Input / Output Capacitance (SDA)
8
pF
VI/O = 0V
CIN
Input Capacitance (A0, A1, A2, SCL)
6
pF
VIN = 0V
DC Characteristics
Applicable over recommended operating range from: TA = -40℃ to +85℃, VCC = +1.8V to +5.5V, (unless otherwise noted).
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VCC
Supply Voltage
1.8
5.5
V
ICC1
Supply Current
VCC = 5.0V, Read at 100kHz
0.4
1.0
mA
ICC2
Supply Current
VCC = 5.0V, Write at 100 kHz
2.0
3.0
mA
ISB
Standby Current
VIN = VCC/GND
1.0
µA
ILI
Input Leakage Current
VIN = VCC/GND
3.0
µA
ILO
Output Leakage Current
VOUT = VCC/GND
0.05
3.0
µA
VIL
Input Low Level
-0.3
VCCx0.3
V
VIH
Input High Level
VCCx0.7
VCC+0.3
V
VOL3
Output Low Level
VCC = 5.0V, IOL = 3.0 mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com