| Moteur de recherche de fiches techniques de composants électroniques |
|
LE24L042CS Fiches technique(PDF) 2 Page - Sanyo Semicon Device |
|
|
|||||||||||||||||||||||||||||
LE24L042CS Fiches technique(HTML) 2 Page - Sanyo Semicon Device |
|
2 / 10 page ![]() LE24L042CS Pin Assignment Pin Descriptions 1 2 3 4 0.79 x 1.06 Bottom view PIN.1 SDA Serial data input/output PIN.2 GND Ground PIN.3 SCL Serial clock input PIN.4 VDD Power supply Block Diagram EEPROM Array High voltage generator Serial-parallel converter Y decoder & Sense AMP SCL SDA Write controller Specifications Absolute Maximum Ratings Parameter Symbol Conditions Ratings Unit Supply voltage -0.5 to +4.6 V DC input voltage -0.5 to VDD+0.5 V Over-shoot voltage Below 20ns -1.0 to VDD+1.0 V Storage temperature Tstg -65 to +150 °C Note: If an electrical stress exceeding the maximum rating is applied, the device may be damaged. Operating Conditions Parameter Symbol Conditions Ratings Unit Operating supply voltage 1.7 to 3.6 V Operating temperature -40 to +85 °C No.A1440-2/10 |