| Moteur de recherche de fiches techniques de composants électroniques |
|
AD1843JS Fiches technique(PDF) 52 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD1843JS Fiches technique(HTML) 52 Page - Analog Devices |
|
52 / 64 page ![]() REV. 0 –52– AD1843 Figure 15. AD1843 Control Register Map Register readback (on the following frame) matches the data written. Writes to these Control Registers will fail until the AD1843 internal clocks are stabilized. If the system has been designed for 16 slots per frame, it is suggested that this first “polling write/readback” is to Control Register Address 26, with FRS (Bit 6) set to “1” and FRST (Bit 5) set to “1,” so that the AD1843 will support the 16 slot per frame mode immediately. 4. Put the conversion resources into standby. With the ex- ception of the serial interface, the AD1843 is still completely powered down before this step. The PDNI bit (Control Reg- ister Address 28, Bit 15) should now be reset to “0” to ini- tiate the process of taking the AD1843 conversion resources out of power down and into standby. This requires approxi- mately 470 ms. An autocalibration cycle always occurs (automatically, without user programming or intervention) following the deassertion of the RESET pin or the PWRDWN pin (i.e., hardware reset or hardware power down), adding another approximately 4 ms, for a total of approximately 474 ms. Subsequent software power-down cycles, programmed using Control Register bits, do not ordi- narily require additional calibration cycles. The original cali- bration information is retained during the power down sequence. However, the user can force an autocalibration to occur following a software power down by setting ACEN (Control Register Address 28, Bit 14) to “1.” The host CPU or DSP can poll the PDNO bit (Control Register Address 0, Bit 14) to determine when the conversion resources are out of power down. Alternatively, the host CPU or DSP can write to Control Register Address 27 (using a data pattern different from the initial reset default), and proceed when the CONTROL REG ADDRESS 0 ADDRESS 1 ADDRESS 2 ADDRESS 3 ADDRESS 4 ADDRESS 5 ADDRESS 6 ADDRESS 7 ADDRESS 8 ADDRESS 9 ADDRESS 10 ADDRESS 11 ADDRESS 12 ADDRESS 13 ADDRESS 14 ADDRESS 15 ADDRESS 16 ADDRESS 17 ADDRESS 18 ADDRESS 19 ADDRESS 20 ADDRESS 21 ADDRESS 22 ADDRESS 23 ADDRESS 24 ADDRESS 25 ADDRESS 26 ADDRESS 27 ADDRESS 28 ADDRESS 29 ADDRESS 30 ADDRESS 31 DATA 15 INIT RES LSS2 LD1MM LX1MM LX2MM LX3MM LMCMM MNMM LDA1GM LDA2GM LDA1AM LDA2AM LAD1MM LAD2MM RES C1REF C1C15 RES C2REF C2C15 RES C3REF C3C15 RES DRSFLT DA2SM DFREE PDNI RES RES RES DATA 14 PDNO RES LSS1 RES RES RES RES RES RES RES RES RES RES RES RES RES C1VID C1C14 RES C2VID C2C14 RES C3VID C3C14 RES DAMIX DA1SM RES ACEN RES RES RES DATA 13 RES RES LSS0 RES RES RES RES RES RES LDA1G5 LDA2G5 LDA1A5 LDA2A5 LAD1M5 LAD2M5 RES C1PLLG C1C13 RES C2PLLG C2C13 RES C3PLLG C3C13 RES RES RES RES C3EN RES RES RES DATA 12 RES RES LMGE LD1M4 LX1M4 LX2M4 LX3M4 LMCM4 MNM4 LDA1G4 LDA2G4 LDA1A4 LDA2A4 LAD1M4 LAD2M4 RES C1P200 C1C12 RES C2P200 C2C12 RES C3P200 C3C12 RES RES RES DDMEN C2EN RES RES RES DATA 11 RES RES LIG3 LD1M3 LX1M3 LX2M3 LX3M3 LMCM3 MNM3 LDA1G3 LDA2G3 LDA1A3 LDA2A3 LAD1M3 LAD2M3 DA2C1 C1X8/7 C1C11 RES C2X8/7 C2C11 RES C3X8/7 C3C11 RES RES DA2F1 RES C1EN RES RES RES DATA 10 RES RES LIG2 LD1M2 LX1M2 LX2M2 LX3M2 LMCM2 MNM2 LDA1G2 LDA2G2 LDA1A2 LDA2A2 LAD1M2 LAD2M2 DA2C0 C1C128 C1C10 RES C2C128 C2C10 RES C3C128 C3C10 RES RES DA2F0 RES ENCLKO RES RES RES DATA 9 RES SU2 LIG1 LD1M1 LX1M1 LX2M1 LX3M1 LMCM1 MNM1 LDA1G1 LDA2G1 LDA1A1 LDA2A1 LAD1M1 LAD2M1 DA1C1 RES C1C9 RES RES C2C9 RES RES C3C9 RES DA2FLT DA1F1 DA2EN XCTL1 RES RES RES DATA 8 RES SU1 LIG0 LD1M0 LX1M0 LX2M0 LX3M0 LMCM0 MNM0 LDA1G0 LDA2G0 LDA1A0 LDA2A0 LAD1M0 LAD2M0 DA1C0 RES C1C8 C1PD RES C2C8 C2PD RES C3C8 C3PD DA1FLT DA1F0 DA1EN XCTL0 RES RES RES DATA 7 RES RES RSS2 RD1MM RX1MM RX2MM RX3MM RMCMM ALLMM RDA1GM RDA2GM RDA1AM RDA2AM RAD1MM RAD2MM RES C1M7 C1C7 C1P7 C2M7 C2C7 C2P7 C3M7 C3C7 C3P7 DAADR1 SCF ANAEN ENCV3 RES RES RES DATA 6 RES RES RSS1 RES RES RES RES RES MNOM RES RES RES RES RES RES RES C1M6 C1C6 C1P6 C2M6 C2C6 C2P6 C3M6 C3C6 C3P6 DAADR0 FRS HPEN ENBT3 RES RES RES DATA 5 RES RES RSS0 RES RES RES RES RES HPOM RDA1G5 RDA2G5 RDA1A5 RDA2A5 RAD1M5 RAD2M5 RES C1M5 C1C5 C1P5 C2M5 C2C5 C2P5 C3M5 C3C5 C3P5 DAADL1 FRST RES ENCV2 RES RES RES DATA 4 RES RES RMGE RD1M4 RX1M4 RX2M4 RX3M4 RMCM4 HPOS RDA1G4 RDA2G4 RDA1A4 RDA2A4 RAD1M4 RAD2M4 RES C1M4 C1C4 C1P4 C2M4 C2C4 C2P4 C3M4 C3C4 C3P4 DAADL0 ADTLK AAMEN ENBT2 RES RES RES DATA 3 ID3 OVR1 RIG3 RD1M3 RX1M3 RX2M3 RX3M3 RMCM3 SUMM RDA1G3 RDA2G3 RDA1A3 RDA2A3 RAD1M3 RAD2M3 ADRC1 C1M3 C1C3 C1P3 C2M3 C2C3 C2P3 C3M3 C3C3 C3P3 RES ADRF1 RES ENCV1 RES RES RES DATA 2 ID2 OVR0 RIG2 RD1M2 RX1M2 RX2M2 RX3M2 RMCM2 RES RDA1G2 RDA2G2 RDA1A2 RDA2A2 RAD1M2 RAD2M2 ADRC0 C1M2 C1C2 C1P2 C2M2 C2C2 C2P2 C3M2 C3C2 C3P2 RES ADRF0 RES ENBT1 RES RES RES DATA 1 ID1 OVL1 RIG1 RD1M1 RX1M1 RX2M1 RX3M1 RMCM1 DAC2T RDA1G1 RDA2G1 RDA1A1 RDA2A1 RAD1M1 RAD2M1 ADLC1 C1M1 C1C1 C1P1 C2M1 C2C1 C2P1 C3M1 C3C1 C3P1 ADRFLT ADLF1 ADREN LINRSD RES RES RES DATA 0 ID0 OVL0 RIG0 RD1M0 RX1M0 RX2M0 RX3M0 RMCM0 DAC1T RDA1G0 RDA2G0 RDA1A0 RDA2A0 RAD1M0 RAD2M0 ADLC0 C1M0 C1C0 C1P0 C2M0 C2C0 C2P0 C3M0 C3C0 C3P0 ADLFLT ADLF0 ADLEN LINLSD RES RES RES Figure 16 shows an annotated version of the AD1843 detailed block diagram, indicating the specific Control Register bit fields which configures the various features of the SoundComm codec. START-UP SEQUENCE The following paragraphs describe a typical, generic start-up sequence, for the purpose of helping hardware, systems and software driver engineers understand some of the considerations involved in bringing up a system which includes the AD1843. Note that it does not exhaustively outline all of the flexible con- figurations and features available in the AD1843. 1. System power supplies stabilize. Ideally, the AD1843 RESET pin should be held LO during this period. If RESET is not asserted, the AD1843 will come up in an un- known state. 2. Assert the RESET signal (PLCC Pin 52, TQFP Pin 65). Once the power supplies have stabilized, the AD1843 RE- SET must be asserted LO for at least 100 ns with BM (PLCC Pin 10, TQFP Pin 12) tied to the appropriate level to establish whether the codec is serial bus master or slave. 3. Deassert the RESET signal and enter a wait period to allow the AD1843 internal clocks and the external crys- tal oscillator to stabilize. The wait period duration will be typically 400 µs to 800 µs after RESET is deasserted, but sig- nificantly longer time may be necessary depending on XTALI and XTALO pin parasitics. If the AD1843 is serial bus master, the host CPU or DSP can poll the INIT bit (Control Register Address 0, Bit 15) to determine when the AD1843 is ready to proceed. Alternatively, the host CPU or DSP can write to Control Register 16 through 24, or 26 or 28 (using a data pattern different from the initial reset default for that Control Register), and proceed when the Control |