| Moteur de recherche de fiches techniques de composants électroniques |
|
SC531 Fiches technique(PDF) 13 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC531 Fiches technique(HTML) 13 Page - Semtech Corporation |
|
13 / 15 page ![]() SC531 3 Outline Drawing – 4x4 MLPQ-UT28 INDICATOR (LASER MARK) PIN 1 DIMENSIONS NOM INCHES N bbb aaa A2 A1 E1 D1 DIM L e E D A b MIN MAX MILLIMETERS MIN MAX NOM .154 .157 .161 3.90 4.00 4.10 .154 .157 .161 3.90 4.00 4.10 .003 .006 .100 28 .008 .104 .000 .020 (.006) 0.08 0.20 28 .010 .108 0.15 2.55 .024 .001 0.00 0.50 2.75 0.25 2.65 0.02 0.60 (0.152) .004 0.10 2.55 2.65 2.75 0.40 BSC .016 BSC 0.30 .012 .020 .016 0.40 0.50 .108 .104 .100 2 1 SEATING PLANE N CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES). COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS. 1. 2. NOTES: - - - - D E A B A1 A aaa C A2 C D1 E1 LxN E/2 e bbb C A B D/2 bxN 3. CENTER PAD IS CONNECTED TO PIN 18(GROUND). |