Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8413 Fiches technique(PDF) 15 Page - ams AG

No de pièce AS8413
Description  HIGH PERFORMANCE AUTOMOTIVE SONAR INTRUSION
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS8413 Fiches technique(HTML) 15 Page - ams AG

Back Button AS8413 Datasheet HTML 7Page - ams AG AS8413 Datasheet HTML 8Page - ams AG AS8413 Datasheet HTML 9Page - ams AG AS8413 Datasheet HTML 10Page - ams AG AS8413 Datasheet HTML 11Page - ams AG AS8413 Datasheet HTML 12Page - ams AG AS8413 Datasheet HTML 13Page - ams AG AS8413 Datasheet HTML 14Page - ams AG AS8413 Datasheet HTML 15Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
High Performance Automotive Sonar Intrusion – Data Sheet
AS8413
March 2001
Page 15 of 15
EMI Protection
The usual precautions against EMI, such as PCB with ground plane, short tracks and shielded
cables, are recommended for AS8413 applications, to avoid possible effects from noise induced
by external sources.
The RX cable must be shielded, because of the low-voltage signal. An alternative to protect other
pins directly connected to unshielded cables, is to clamp induced voltages with signal diodes
close to the pins (Fig.9)
If a single shielded cable is used for the transmitting sensor, the internal wire may be connected
to TX1 and the shield connected to TX2. In this case, only the TX2 output will need protection
diodes
IC
VDD
(a)
(b)
Fig. 9 - Diode Clamp Protection for
Unshielded Cables
(a) pins 1, 24
(b) pins 21, 22, 23
Copyright
© 2000, Austria Mikro Systeme International AG, Schloß Premstätten, 8141 Unterpremstätten, Austria.
All rights reserved. No part of this publication may be reproduced, stored in a retrieval system, or transmitted, in any form or by
any means, without the prior permission in writing by the copyright holder. To the best of its knowledge, Austria Mikro Systeme
International asserts that the information contained in this publication is accurate and correct.
IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15