Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8412 Fiches technique(PDF) 13 Page - ams AG

No de pièce AS8412
Description  HIGH PERFORMANCE AUTOMOTIVE SONAR INTRUSION
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS8412 Fiches technique(HTML) 13 Page - ams AG

Back Button AS8412 Datasheet HTML 6Page - ams AG AS8412 Datasheet HTML 7Page - ams AG AS8412 Datasheet HTML 8Page - ams AG AS8412 Datasheet HTML 9Page - ams AG AS8412 Datasheet HTML 10Page - ams AG AS8412 Datasheet HTML 11Page - ams AG AS8412 Datasheet HTML 12Page - ams AG AS8412 Datasheet HTML 13Page - ams AG AS8412 Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
High Performance Automotive Sonar Intrusion – Data Sheet
AS8412
March 2001
Page 13 of 14
Application Circuits
The AS8412 is designed to provide a flexible utilization, so many application circuits are possi-
ble. Only two of them are presented.
The Application Circuit I of Fig. 8a is suitable to be used in a microcontroller-based alarm sys-
tem. The 40-kHz clock is synthesized by the microcontroller, that also controls the digital sen-
sitivity. By having access to all the signalling outputs, the alarm system can be programmed to
signalize any combination of the disturbances detectable by the AS8412.
This arrangement uses a minimum number of components to implement an intrusion detector.
TX1
OSCIN
OSCOUT
VCAP
AVDD
AGND
RXGND
RX
SEL4OK
ALEN
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TX2
ALARM
WARN
LED
GND
VDD
TP
SAS
SENS1
SENS0
UT1
40kHz
from
µ-Processor
N.C.
C1
VDD
C2
100n
R1
100k
C4
100n
UT2
To
µ-Processor
Programmable
Sensitivity
(Digital)
SAS Control
N.C.
VDD
VDD
C3
100n
Fig. 8a - Application Circuit I
TX1
OSCIN
OSCOUT
VCAP
AVDD
AGND
RXGND
RX
SEL4OK
ALEN
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TX2
ALARM
WARN
LED
GND
VDD
TP
SAS
SENS1
SENS0
R2
100k
C1
100p
UT2
VDD
Programmable
Sensitivity
(Digital)
N.C.
VDD
C5
100n
VDD
VDD
N.C.
C2
100p
C3
R3
C6
100n
C4
100n
UT1
CR1
R1
D1
To Control Unit
C7
Fig. 8b - Application Circuit II



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14