Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8410 Fiches technique(PDF) 18 Page - ams AG

No de pièce AS8410
Description  PWM DC Motor Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS8410 Fiches technique(HTML) 18 Page - ams AG

Back Button AS8410 Datasheet HTML 11Page - ams AG AS8410 Datasheet HTML 12Page - ams AG AS8410 Datasheet HTML 13Page - ams AG AS8410 Datasheet HTML 14Page - ams AG AS8410 Datasheet HTML 15Page - ams AG AS8410 Datasheet HTML 16Page - ams AG AS8410 Datasheet HTML 17Page - ams AG AS8410 Datasheet HTML 18Page - ams AG AS8410 Datasheet HTML 19Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
PWM DC Motor Regulator – Data Sheet
AS8410
Rev. 1.0, December 2000
page 18 of 19
6. Short-circuited commutator segments (dirt of the lamellas)
Handling:
a) internal setting of the set value to 100 % (cleaning of the lamellas)
b) regulation of the motor with adapted characteristic or switch off the
motor if the motor current cross over the over current threshold
c) reuse the input set value, if the short-circuit condition is over
7. Protection function for the power FET and the AS8410 itself, if the motor works as
generator due to its mechanical inertia
Handling:
a) The gate potential of the power FET is permanently monitored, if this
potential is to high in the switch off case of the driver, the power FET
gate will be protected
b) If the power FET gate is returned in the normal region (the motor speed
of the off switched motor is low enough), the normal driver function is
reused.
The figure 4.3 is showing an example of the sequence of AS8410 internal events during failures
handling procedure in a reduced time scale.
Fig. 4.3 Example of a failure handling procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19