| Moteur de recherche de fiches techniques de composants électroniques |
|
AS2534EP Fiches technique(PDF) 22 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS2534EP Fiches technique(HTML) 22 Page - ams AG |
|
22 / 25 page ![]() 22 Rev. 7 July 1998 Data Sheet AS2533...6 Symbol Parameter Conditions Min Typ Max Units t FD Flash Duration 1 R1 key 100 102 ms Flash Duration 2 R2 key 270 300 ms Flash Duration 3 R3 key (AS2533/4B/5/6) 600 650 ms R3 key (AS2534E only) 312 375 450 ms t PFP Post Flash Pause 274 ms t AP Access Pause Note 8 2.0 2.05 2.12 sec t RP Repeat Break Time 1.6 sec Tone Ringer V MO Melody Output PDM t MD Melody Delay 10 ms F1 Frequency 1 800 Hz F2 Frequency 2 1067 Hz F3 Frequency 3 1333 Hz t DT Detection Time Initial 1/f + 73ms s t TO Detection Time-out note 4 ms f MIN Min. Detection Frequency 13 Hz f MAX Max. Detection Frequency 70 Hz Pacifier Tone Programme Mode Only f PT Frequency P/M mode, key entry 1477 Hz V RT Level (RO) Key entry 60 mV t RTD-E Duration, Key Entry Valid key entry, prog. 40 ms t RTD-A Duration, Acknowledge Terminate with P/M key 140 ms t RTD-R Duration, Reject Invalid key entry, note 7 4x40 ms LED Output t LED-ON "on-time" P/M state 80 ms t LED-OFF Interval P/M state 1 sec Comfort Tone (DTMF) V CT Level (RO) Relative to LS -30 dBr Note 1: The values are valid during automatic dialling and are minimum values during manual dialling, i.e. the tones will continue as long as the key is depressed. Note 2: The rise time is the time from 10% of final value till the tone amplitude has reached 90 % of its final value. Note 3: Relative to high group. Note 4: The FCI circuit is reset by POR and HS/DPN pulled high (off-hook). After a reset the FCI circuit is in a standby state. A positive edge on FCI will start a 73 ms timer and the frequency discrimination is initiated. Whenever a period of the ring signal is missing, the timer is reset. When a valid ring signal is present for 73 ms, the melody generator is started and is directly controlled by the ring signal. This condition will remain until a new reset. Note 5: This does not include the frequency deviation of the ceramic resonator. Note 6: During temporary MF mode. Note 7: An invalid key entry in programme mode will invoke a tone sequence with 4 tone bursts of 40 ms and pauses between bursts of 28 ms and abort the programme mode. Note 8: Pauses inserted within the first 5 entries of a digit string will be automatically terminated after 2 seconds. Pauses inserted after location 5 can only be terminated manually by pressing the PS or LNR key. |