Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS2578P Fiches technique(PDF) 22 Page - ams AG

No de pièce AS2578P
Description  TELEPHONE CONTROLLER WITH 13 MEMORIES AND 2-WIRE BUS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS2578P Fiches technique(HTML) 22 Page - ams AG

Back Button AS2578P Datasheet HTML 14Page - ams AG AS2578P Datasheet HTML 15Page - ams AG AS2578P Datasheet HTML 16Page - ams AG AS2578P Datasheet HTML 17Page - ams AG AS2578P Datasheet HTML 18Page - ams AG AS2578P Datasheet HTML 19Page - ams AG AS2578P Datasheet HTML 20Page - ams AG AS2578P Datasheet HTML 21Page - ams AG AS2578P Datasheet HTML 22Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
Data Sheet
Rev. 3
22
AS2578 /B
March 1997
Ordering Information:
Part Number
Package
Pin 25
Pin 26
AS2578 P
28 pin DIP
C5
AP
AS2578 N
28 pin PLCC
C5
AP
AS2578B P
28 pin DIP
C6
C5
AS2578B N
28 pin PLCC
C6
C5
Applications:
For application support contact your local AMS sales office.
Copyright
© 1995-7, Austria Mikro Systeme International AG, Schloss Premstätten, 8141 Unterpremstätten, Austria. Trademarks
Registered
®. All rights reserved. The material herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner.
Devices sold by Austria Mikro Systeme are covered by the warranty and patent indemnification provisions appearing in its Term of
Sale. Austria Mikro Systeme makes no warranty, express, statutory, implied, or by description regarding the information set forth
herein or regarding the freedom of the described devices from patent infringement. Austria Mikro Systeme reserves the right to
change specifications and prices at any time and without notice. Therefore, prior to designing this product into a system, it is necessary
to check with Austria Mikro Systeme for current information. This product is intended for use in normal commercial applications.
Applications requiring extended temperature range, unusual environmental requirements, or high reliability applications, such as
military, medical life-support or life-sustaining equipment are specifically
not recommended without additional processing by Austria
Mikro Systeme for each application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22