| Moteur de recherche de fiches techniques de composants électroniques |
|
AS2578B Fiches technique(PDF) 22 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS2578B Fiches technique(HTML) 22 Page - ams AG |
|
22 / 22 page ![]() Data Sheet Rev. 3 22 AS2578 /B March 1997 Ordering Information: Part Number Package Pin 25 Pin 26 AS2578 P 28 pin DIP C5 AP AS2578 N 28 pin PLCC C5 AP AS2578B P 28 pin DIP C6 C5 AS2578B N 28 pin PLCC C6 C5 Applications: For application support contact your local AMS sales office. Copyright © 1995-7, Austria Mikro Systeme International AG, Schloss Premstätten, 8141 Unterpremstätten, Austria. Trademarks Registered ®. All rights reserved. The material herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. Devices sold by Austria Mikro Systeme are covered by the warranty and patent indemnification provisions appearing in its Term of Sale. Austria Mikro Systeme makes no warranty, express, statutory, implied, or by description regarding the information set forth herein or regarding the freedom of the described devices from patent infringement. Austria Mikro Systeme reserves the right to change specifications and prices at any time and without notice. Therefore, prior to designing this product into a system, it is necessary to check with Austria Mikro Systeme for current information. This product is intended for use in normal commercial applications. Applications requiring extended temperature range, unusual environmental requirements, or high reliability applications, such as military, medical life-support or life-sustaining equipment are specifically not recommended without additional processing by Austria Mikro Systeme for each application. |