Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TFC30P Fiches technique(PDF) 3 Page - Topstek Inc.

No de pièce TFC30P
Description  Topstek True RMS Current Transducer TFC30P80A..TFC1500A-CL420
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOPSTEK [Topstek Inc.]
Site Internet  http://www.topstek.com
Logo TOPSTEK - Topstek Inc.

TFC30P Fiches technique(HTML) 3 Page - Topstek Inc.

  TFC30P Datasheet HTML 1Page - Topstek Inc. TFC30P Datasheet HTML 2Page - Topstek Inc. TFC30P Datasheet HTML 3Page - Topstek Inc. TFC30P Datasheet HTML 4Page - Topstek Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Topstek True RMS Current Transducer TFC30P80A..TFC1500A-CL420
- 3 -
www.topstek.com
TFC30P-CL420
V081007
10/7/2008
+24V
IOUT
TP
GND
31.0
60.5
84.5
2.0
20.0
M4 TAP
5.08x3
36.5
80.0
Appearance, dimensions and pin identification of TFC30P-CL420-E
All dimensions in mm ±0.2, holes –0, +0.2 except otherwise noted.



Html Pages

1 2 3 4