Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS2504 Fiches technique(PDF) 10 Page - ams AG

No de pièce AS2504
Description  Cordless telephone, answering machine line interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS2504 Fiches technique(HTML) 10 Page - ams AG

Back Button AS2504 Datasheet HTML 4Page - ams AG AS2504 Datasheet HTML 5Page - ams AG AS2504 Datasheet HTML 6Page - ams AG AS2504 Datasheet HTML 7Page - ams AG AS2504 Datasheet HTML 8Page - ams AG AS2504 Datasheet HTML 9Page - ams AG AS2504 Datasheet HTML 10Page - ams AG AS2504 Datasheet HTML 11Page - ams AG AS2504 Datasheet HTML 12Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Preliminary Data Sheet
AS2504
10/12
August 1998
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ZIN-STB
VINmax
Input Imp. STB
Input Volt. Range STB
80
±2
k
Ω
Vp
ST
Sidetone
VRI<=0.25VRMS
24
dB
RL
∆ZAC/°C
Return Loss
Temp. Variation
ZAC(syn)=1000
Ω
18
0.5
dB
Ω/°C
Test circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12