Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3LP01SS Fiches technique(PDF) 6 Page - Sanyo Semicon Device

No de pièce 3LP01SS
Description  General-Purpose Switching Device Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

3LP01SS Fiches technique(HTML) 6 Page - Sanyo Semicon Device

  3LP01SS Datasheet HTML 1Page - Sanyo Semicon Device 3LP01SS Datasheet HTML 2Page - Sanyo Semicon Device 3LP01SS Datasheet HTML 3Page - Sanyo Semicon Device 3LP01SS Datasheet HTML 4Page - Sanyo Semicon Device 3LP01SS Datasheet HTML 5Page - Sanyo Semicon Device 3LP01SS Datasheet HTML 6Page - Sanyo Semicon Device 3LP01SS Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
3LP01SS
No.6648-6/7
Outline Drawing
Land Pattern Example
3LP01SS-TL-E, 3LP01SS-TL-H
Mass (g) Unit
0.0018
* For reference mm
Unit: mm
0.5
0.45
0.45
0.45 0.45



Html Pages

1 2 3 4 5 6 7