| Moteur de recherche de fiches techniques de composants électroniques |
|
W89C982AF Fiches technique(PDF) 21 Page - Winbond |
|
|
|||||||||||||||||||||||||||||
W89C982AF Fiches technique(HTML) 21 Page - Winbond |
|
21 / 28 page ![]() Preliminary W89C982AF Publication Release Date: November 1996 - 21 - Revision A1 Inter-IMPR II Interface Input Timing NO. DESCRIPTION FIG. MIN. TYP. MAX. UNIT 1 Receive-in IDAT/IJAM setup time to receive-in IDCLK rising 5 20 nS 2 Receive-in IDAT/IJAM hold time from receive-in IDCLK rising 5 20 nS Inter-IMPR II Interface Input Timing Diagram IDCLK ICRSB IBENB ICOLB IDAT IJAM 1 2 High_Z High_Z Figure 5 |