Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XVC5002 Fiches technique(PDF) 2 Page - RF Monolithics, Inc

No de pièce XVC5002
Description  122.88 MHz VCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFM [RF Monolithics, Inc]
Site Internet  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

XVC5002 Fiches technique(HTML) 2 Page - RF Monolithics, Inc

  XVC5002 Datasheet HTML 1Page - RF Monolithics, Inc XVC5002 Datasheet HTML 2Page - RF Monolithics, Inc XVC5002 Datasheet HTML 3Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.RFM.com E-mail: info@rfm.com
Page 2 of 3
©2010 by RF Monolithics, Inc.
XVC5002 - 12/7/10
Case Dimensions and Pin Functions
Enable/Disable Function:
If Pin 2 is logic high or open, differential outputs on Pins 4 and 5 are enabled.
If Pin 2 is logic low, differential outputs on Pins 4 and 5 are disabled.



Html Pages

1 2 3