Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC75813E Fiches technique(PDF) 6 Page - Sanyo Semicon Device

No de pièce LC75813E
Description  1/3, 1/4 Duty General-Purpose LCD Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75813E Fiches technique(HTML) 6 Page - Sanyo Semicon Device

Back Button LC75813E Datasheet HTML 2Page - Sanyo Semicon Device LC75813E Datasheet HTML 3Page - Sanyo Semicon Device LC75813E Datasheet HTML 4Page - Sanyo Semicon Device LC75813E Datasheet HTML 5Page - Sanyo Semicon Device LC75813E Datasheet HTML 6Page - Sanyo Semicon Device LC75813E Datasheet HTML 7Page - Sanyo Semicon Device LC75813E Datasheet HTML 8Page - Sanyo Semicon Device LC75813E Datasheet HTML 9Page - Sanyo Semicon Device LC75813E Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Serial Data Transfer Format
1. 1/3 duty
x When CL is stopped at the low level
Note: DD···Direction data.
No. 7159-6/26
LC75813E, 75813T
B1
B0
D2
D1
0
0
D83 D84 D85 D86 D87
CCB address
8 bits
Display data
87 bits
Control data
15 bits
DD
2 bits
CCB address
8 bits
Display data
87 bits
Fixed data
15 bits
DD
2 bits
CCB address
8 bits
Display data
87 bits
Fixed data
15 bits
DD
2 bits
DI
CL
CE
0
0
0
1
0
0
B3
B2
A0
A1
A3
A2
A0
A1
A3
A2
A0
A1
A3
A2
0
0
0
0
0
P0
P1
P2
P3
0
0
0
SC
FC
DT
DR
BU
B1
B0
0
0
D88
D89
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
0
0
B3
B2
D170 D171 D172 D173 D174
B1
B0
0
0
D176
D175
0
0
0
1
0
0
B3
B2
D257 D258 D259 D260 D261
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26