Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STD02YV Fiches technique(PDF) 21 Page - Tyco Electronics

No de pièce STD02YV
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

STD02YV Fiches technique(HTML) 21 Page - Tyco Electronics

Back Button STD02YV Datasheet HTML 17Page - Tyco Electronics STD02YV Datasheet HTML 18Page - Tyco Electronics STD02YV Datasheet HTML 19Page - Tyco Electronics STD02YV Datasheet HTML 20Page - Tyco Electronics STD02YV Datasheet HTML 21Page - Tyco Electronics STD02YV Datasheet HTML 22Page - Tyco Electronics STD02YV Datasheet HTML 23Page - Tyco Electronics STD02YV Datasheet HTML 24Page - Tyco Electronics STD02YV Datasheet HTML 25Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 85 page
background image
CM-SCE Military grade tie-on cable marker tags
21
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Heat-Shrink/Cable Markers
Ordering information
Available sizes and formats
Ordering
Size
Markable
Markable
Recommended
description
height
length
use range
mm
inches
mm
inches
mm
inches
CM-SCE- 1/4-6H- <color>
1
/4
6.40
0.250
50.80
2.000
5.08 – 12.50
0.200 – 0.492
CM-SCE- 1/4-4H- <color>
1
/4
6.40
0.250
50.80
2.000
5.08 – 12.50
0.200 – 0.492
CM-SCE -TP- 1/4- 4H- <color>*
1
/4
6.40
0.250
50.80
2.000
5.08 – 12.50
0.200 –0.492
CM -SCE- 1/2- 4H- <color>
1
/2
12.70
0.500
50.80
2.000
12.50 and up
0.492 and up
CM -SCE-TP- 1/2- 4H- <color>*
1
/2
12.70
0.500
50.80
2.000
12.50 and up
0.492 and up
CM -SCE- 1/2- 6H- <color>
1
/2
12.70
0.500
50.80
2.000
12.50 and up
0.492 and up
CM -SCE-TP- 1/2- 6H- <color>*
1
/2
12.70
0.500
50.80
2.000
12.50 and up
0.492 and up
* ffo
orr tth
he
errm
ma
all ttrra
an
nssffe
err p
prriin
nttiin
ng
g
Options
Tie-wrap holes
1/4- inch tags
Four holes standard
1/2- inch tags
Four holes
Six holes
Code
4H
6H
Fanfold
Code
Fx (substitute package size code for “x”)
Package sizes
Standard
250 pieces
Colors
Standard
White
Code
9
Nonstandard
Yellow
Code
4
Ordering information: Specify product name, markable height of marker, pack size, number of tie wraps and color.
Ordering example: CM-SCE--2.5K -
1/4-4H-9
Figure 1
CM-SCE-
1/4 INCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85