Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAM7W2SNMBK52 Fiches technique(PDF) 83 Page - ITT Industries

No de pièce DAM7W2SNMBK52
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

DAM7W2SNMBK52 Fiches technique(HTML) 83 Page - ITT Industries

Back Button DAM7W2SNMBK52 Datasheet HTML 79Page - ITT Industries DAM7W2SNMBK52 Datasheet HTML 80Page - ITT Industries DAM7W2SNMBK52 Datasheet HTML 81Page - ITT Industries DAM7W2SNMBK52 Datasheet HTML 82Page - ITT Industries DAM7W2SNMBK52 Datasheet HTML 83Page - ITT Industries DAM7W2SNMBK52 Datasheet HTML 84Page - ITT Industries DAM7W2SNMBK52 Datasheet HTML 85Page - ITT Industries DAM7W2SNMBK52 Datasheet HTML 86Page - ITT Industries DAM7W2SNMBK52 Datasheet HTML 87Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
82
D Subminiature
Combo D
Shield Cans
X Cable
Ferrule
X A
Ferrule
Part Number
Crimp Tool
Part Number
Crimp Tool
Position
4,8 - 5,5
6,25 (.246)
304-8810-000
D115433-1
B
5,5 - 6,2
6,25 (.246)
304-8810-000
D115433-1
A
6,2 - 7,2
8,20 (.323)
304-8811-000
D115433-2
B
7,2 - 8,2
8,20 (.323)
304-8811-000
D115433-2
A
8,2 - 9,5
11,50 (.452)
304-8812-000
D115433-3
B
9,5 - 11,1
11,50 (.452)
304-8813-000
D115433-3
A
FERRULE
CABLE
Ferrule
Wire Trim Dimensions
11,25(.443)
Ø A
Ø 11,10(.437)
10,00(.394)
50,00 (1.969)
Crimp Tool Positions
10,10 (.398)
Ø 10,00 (.394)
Order 1 top can, 1 bottom can, 1 ferrule per
connector.
Materials and Finishes
Shield Can and Ferrule
Material:
Steel
Finish:
Tin
Part Numbers
Top Can (B size):
348-8946-000
Bottom Can (B size):
348-8945-000
Note: For other available can sizes, consult factory for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More