| Moteur de recherche de fiches techniques de composants électroniques |
|
SAM4S8C Fiches technique(PDF) 30 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
SAM4S8C Fiches technique(HTML) 30 Page - ATMEL Corporation |
|
30 / 67 page ![]() 30 11100BS–ATARM–31-Jul-12 SAM4S Series [Preliminary] 7.5 Master to Slave Access All the Masters can normally access all the Slaves. However, some paths do not make sense, for example allowing access from the Cortex-M4 S Bus to the Internal ROM. Thus, these paths are forbidden or simply not wired, and shown as “-” in the following table. 7.6 Peripheral DMA Controller • Handles data transfer between peripherals and memories • Low bus arbitration overhead – One Master Clock cycle needed for a transfer from memory to peripheral – Two Master Clock cycles needed for a transfer from peripheral to memory • Next Pointer management for reducing interrupt latency requirement The Peripheral DMA Controller handles transfer requests from the channel according to the fol- lowing priorities (Low to High priorities): Table 7-3. SAM4S Master to Slave Access Slaves Masters 0 1 2 3 Cortex-M4 I/D Bus Cortex-M4 S Bus PDC CRCCU 0 Internal SRAM - X X X 1 Internal ROM X - X X 2 Internal Flash X - - X 3 External Bus Interface - X X X 4 Peripheral Bridge - X X - Table 7-4. Peripheral DMA Controller Instance name Channel T/R PWM Transmit TWI1 Transmit TWI0 Transmit UART1 Transmit UART0 Transmit USART1 Transmit USART0 Transmit DACC Transmit SPI Transmit SSC Transmit HSMCI Transmit |