Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAM4SD16B Fiches technique(PDF) 14 Page - ATMEL Corporation

No de pièce SAM4SD16B
Description  ARM-based Flash MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM4SD16B Fiches technique(HTML) 14 Page - ATMEL Corporation

Back Button SAM4SD16B Datasheet HTML 10Page - ATMEL Corporation SAM4SD16B Datasheet HTML 11Page - ATMEL Corporation SAM4SD16B Datasheet HTML 12Page - ATMEL Corporation SAM4SD16B Datasheet HTML 13Page - ATMEL Corporation SAM4SD16B Datasheet HTML 14Page - ATMEL Corporation SAM4SD16B Datasheet HTML 15Page - ATMEL Corporation SAM4SD16B Datasheet HTML 16Page - ATMEL Corporation SAM4SD16B Datasheet HTML 17Page - ATMEL Corporation SAM4SD16B Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 67 page
background image
14
11100BS–ATARM–31-Jul-12
SAM4S Series [Preliminary]
4.1.4
100-Lead LQFP Pinout
Table 4-1.
SAM4SD32/SD16/SA16/S16/S8C 100-lead LQFP pinout
1
ADVREF
26
GND
51
TDI/PB4
76
TDO/TRACESWO/
PB5
2
GND
27
VDDIO
52
PA6/PGMNOE
77
JTAGSEL
3
PB0/AD4
28
PA16/PGMD4
53
PA5/PGMRDY
78
PC18
4
PC29/AD13
29
PC7
54
PC28
79
TMS/SWDIO/PB6
5
PB1/AD5
30
PA15/PGMD3
55
PA4/PGMNCMD
80
PC19
6
PC30/AD14
31
PA14/PGMD2
56
VDDCORE
81
PA31
7
PB2/AD6
32
PC6
57
PA27/PGMD15
82
PC20
8
PC31
33
PA13/PGMD1
58
PC8
83
TCK/SWCLK/PB7
9
PB3/AD7
34
PA24/PGMD12
59
PA28
84
PC21
10
VDDIN
35
PC5
60
NRST
85
VDDCORE
11
VDDOUT
36
VDDCORE
61
TST
86
PC22
12
PA17/PGMD5/
AD0
37
PC4
62
PC9
87
ERASE/PB12
13
PC26
38
PA25/PGMD13
63
PA29
88
DDM/PB10
14
PA18/PGMD6/
AD1
39
PA26/PGMD14
64
PA30
89
DDP/PB11
15
PA21/PGMD9/
AD8
40
PC3
65
PC10
90
PC23
16
VDDCORE
41
PA12/PGMD0
66
PA3
91
VDDIO
17
PC27
42
PA11/PGMM3
67
PA2/PGMEN2
92
PC24
18
PA19/PGMD7/
AD12
43
PC2
68
PC11
93
PB13/DAC0
19
PC15/AD11
44
PA10/PGMM2
69
VDDIO
94
PC25
20
PA22/PGMD10/
AD9
45
GND
70
GND
95
GND
21
PC13/AD10
46
PA9/PGMM1
71
PC14
96
PB8/XOUT
22
PA23/PGMD11
47
PC1
72
PA1/PGMEN1
97
PB9/PGMCK/XIN
23
PC12/AD12
48
PA8/XOUT32/
PGMM0
73
PC16
98
VDDIO
24
PA20/PGMD8/
AD3
49
PA7/XIN32/
PGMNVALID
74
PA0/PGMEN0
99
PB14/DAC1
25
PC0
50
VDDIO
75
PC17
100
VDDPLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67