Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT91SAM Fiches technique(PDF) 15 Page - ATMEL Corporation

No de pièce AT91SAM
Description  ARM-based Flash MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM Fiches technique(HTML) 15 Page - ATMEL Corporation

Back Button AT91SAM Datasheet HTML 11Page - ATMEL Corporation AT91SAM Datasheet HTML 12Page - ATMEL Corporation AT91SAM Datasheet HTML 13Page - ATMEL Corporation AT91SAM Datasheet HTML 14Page - ATMEL Corporation AT91SAM Datasheet HTML 15Page - ATMEL Corporation AT91SAM Datasheet HTML 16Page - ATMEL Corporation AT91SAM Datasheet HTML 17Page - ATMEL Corporation AT91SAM Datasheet HTML 18Page - ATMEL Corporation AT91SAM Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 67 page
background image
15
11100BS–ATARM–31-Jul-12
SAM4S Series [Preliminary]
4.1.5
100-Ball TFBGA Pinout
Table 4-2.
SAM4SD32/SD16/SA16/S16/S8 100-ball TFBGA pinout
A1
PB1/AD5
C6
TCK/SWCLK/PB7
F1
PA18/PGMD6/
AD1
H6
PC4
A2
PC29
C7
PC16
F2
PC26
H7
PA11/PGMM3
A3
VDDIO
C8
PA1/PGMEN1
F3
VDDOUT
H8
PC1
A4
PB9/PGMCK/XIN
C9
PC17
F4
GND
H9
PA6/PGMNOE
A5
PB8/XOUT
C10
PA0/PGMEN0
F5
VDDIO
H10
TDI/PB4
A6
PB13/DAC0
D1
PB3/AD7
F6
PA27/PGMD15
J1
PC15/AD11
A7
DDP/PB11
D2
PB0/AD4
F7
PC8
J2
PC0
A8
DDM/PB10
D3
PC24
F8
PA28
J3
PA16/PGMD4
A9
TMS/SWDIO/PB6
D4
PC22
F9
TST
J4
PC6
A10
JTAGSEL
D5
GND
F10
PC9
J5
PA24/PGMD12
B1
PC30
D6
GND
G1
PA21/PGMD9/AD8
J6
PA25/PGMD13
B2
ADVREF
D7
VDDCORE
G2
PC27
J7
PA10/PGMM2
B3
GNDANA
D8
PA2/PGMEN2
G3
PA15/PGMD3
J8
GND
B4
PB14/DAC1
D9
PC11
G4
VDDCORE
J9
VDDCORE
B5
PC21
D10
PC14
G5
VDDCORE
J10
VDDIO
B6
PC20
E1
PA17/PGMD5/
AD0
G6
PA26/PGMD14
K1
PA22/PGMD10/
AD9
B7
PA31
E2
PC31
G7
PA12/PGMD0
K2
PC13/AD10
B8
PC19
E3
VDDIN
G8
PC28
K3
PC12/AD12
B9
PC18
E4
GND
G9
PA4/PGMNCMD
K4
PA20/PGMD8/
AD3
B10
TDO/TRACESWO/
PB5
E5
GND
G10
PA5/PGMRDY
K5
PC5
C1
PB2/AD6
E6
NRST
H1
PA19/PGMD7/
AD2
K6
PC3
C2
VDDPLL
E7
PA29/AD13
H2
PA23/PGMD11
K7
PC2
C3
PC25
E8
PA30/AD14
H3
PC7
K8
PA9/PGMM1
C4
PC23
E9
PC10
H4
PA14/PGMD2
K9
PA8/XOUT32/
PGMM0
C5
ERASE/PB12
E10
PA3
H5
PA13/PGMD1
K10
PA7/XIN32/
PGMNVALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67