| Moteur de recherche de fiches techniques de composants électroniques |
|
1738000000 Fiches technique(PDF) 3 Page - Weidmuller |
|
|
|||||||||||||||||||||||||||||
1738000000 Fiches technique(HTML) 3 Page - Weidmuller |
|
3 / 22 page ![]() Cable glands 46 Labeling of devices and protection systems according ATEX The following information must be clearly and permanently readable on every device and protection system: Example: Cable glands with metric connection thread With the taking of effect of European standard EN 50 262 – metric cable glands for electric installation – the Europe-wide introduction of the metric ISO fine thread in cable glands took place on 01.01.2000. The EN 60 423 standard lists the individual thread sizes. The previously-known thread sizes PG 7 to PG 48 (10 sizes) were replaced by the metric sizes M 12 to M 63 (8 sizes). This catalogue contains a large selection of metric cable glands Ex cables and cable entries for use in hazardous areas. Name of Type/size Number of Symbol of Symbol of Conformity to Risk of Abbreviation Device manufacturer designation EU-type-examination protection device european explosion of applied group or from test certificate from group and standards type of logo manufacturer EU test site explosion category certified protection classes II 2 G E EX e II ia T |