Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

W49V002FAQ Fiches technique(PDF) 10 Page - Winbond

No de pièce W49V002FAQ
Description  256K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WINBOND [Winbond]
Site Internet  http://www.winbond.com
Logo WINBOND - Winbond

W49V002FAQ Fiches technique(HTML) 10 Page - Winbond

Back Button W49V002FAQ Datasheet HTML 6Page - Winbond W49V002FAQ Datasheet HTML 7Page - Winbond W49V002FAQ Datasheet HTML 8Page - Winbond W49V002FAQ Datasheet HTML 9Page - Winbond W49V002FAQ Datasheet HTML 10Page - Winbond W49V002FAQ Datasheet HTML 11Page - Winbond W49V002FAQ Datasheet HTML 12Page - Winbond W49V002FAQ Datasheet HTML 13Page - Winbond W49V002FAQ Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
W49V002FA
- 10 -
Embedded #Data Polling Algorithm
Start
Read Byte
(DQ0 - DQ7)
Address = VA
Pass
DQ7 = Data
?
Yes
No
VA = Byte address for programming
= Any of the sector addresses within
the sector being erased during sector
erase operation
= Valid address equals any sector group
address during chip erase
Embedded Toggle Bit Algorithm
Start
Read Byte
(DQ0 - DQ7)
Address = Don't Care
DQ6 = Toggle
?
Yes
No
Pass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32