| Moteur de recherche de fiches techniques de composants électroniques |
|
ADG528ATCHIPS Fiches technique(PDF) 10 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADG528ATCHIPS Fiches technique(HTML) 10 Page - Analog Devices |
|
10 / 12 page ![]() REV. B –10– ADG528A/ADG529A TERMINOLOGY RON Ohmic resistance between terminals D and S RON Match Difference between the RON of any two channels RON Drift Change in RON versus temperature IS (OFF) Source terminal leakage current when the switch is off. ID (OFF) Drain terminal leakage current when the switch is off. ID (ON) Leakage current that flows from the closed switch into the body. VS (VD)Analog voltage on terminal S or D CS (OFF) Channel input capacitance for “OFF” condition CD (OFF) Channel output capacitance for “OFF” condition CIN Digital input capacitance tON (EN) Delay time between the 50% and 90% points of the digital input and switch “ON” condition. tOFF (EN) Delay time between the 50% and 10% points of the digital input and switch “OFF” condition tTRANSITION Delay time between the 50% and 90% points of the digital inputs and switch “ON” condition when switching from one address state to another. tOPEN “OFF” time measured between 50% points of both switches when switching from one address state to another VINL Maximum input voltage for Logic “0” VINH Minimum input voltage for Logic “1” IINL (IINH) Input current of the digital input VDD Most positive voltage supply VSS Most negative voltage supply IDD Positive supply current ISS Negative supply current OUTLINE DIMENSIONS 18-Lead Plastic Dual In-Line Package [PDIP] (N-18) Dimensions shown in inches and (millimeters) SEATING PLANE 0.015 (0.38) MIN 0.180 (4.57) MAX 0.022 (0.558) 0.014 (0.356) 0.150 (3.81) 0.110 (2.79) 0.100 (2.54) BSC 0.060 (1.52) 0.045 (1.14) 18 1 9 10 0.885 (22.48) 0.845 (21.46) 0.295 (7.49) 0.275 (6.99) 0.015 (0.381) 0.008 (0.203) 0.325 (8.26) 0.300 (7.62) CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN COMPLIANT TO JEDEC STANDARDS MO-095AD 0.180 (4.57) MAX 20-Lead Plastic Leaded Chip Carrier [PLCC] (P-20A) Dimensions shown in inches and (millimeters) 0.020 (0.50) R BOTTOM VIEW (PINS UP) 0.021 (0.53) 0.013 (0.33) 0.330 (8.38) 0.290 (7.37) 0.032 (0.81) 0.026 (0.66) 0.056 (1.42) 0.042 (1.07) 0.20 (0.51) MIN 0.120 (3.04) 0.090 (2.29) 3 4 19 18 8 9 14 13 TOP VIEW (PINS DOWN) 0.395 (10.02) 0.385 (9.78) SQ 0.356 (9.04) 0.350 (8.89) SQ 0.048 (1.21) 0.042 (1.07) 0.048 (1.21) 0.042 (1.07) 0.020 (0.50) R 0.050 (1.27) BSC 0.180 (4.57) 0.165 (4.19) 0.040 (1.01) 0.025 (0.64) R COMPLIANT TO JEDEC STANDARDS MO-047AA CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN |
|
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |