| Moteur de recherche de fiches techniques de composants électroniques |
|
TIP36 Fiches technique(PDF) 2 Page - Comset Semiconductor |
|
|
|||||||||||||||||||||||||||||
TIP36 Fiches technique(HTML) 2 Page - Comset Semiconductor |
|
2 / 4 page ![]() PNP TIP36-A-B-C 04/10/2012 COMSET SEMICONDUCTORS 2 | 4 SEMICONDUCTORS ABSOLUTE MAXIMUM RATINGS Symbol Ratings Value Unit IB Base Current TIP36 -5 A TIP36A TIP36B TIP36C PC Power Dissipation @ Tc < 25° TIP36 125 Watts TIP36A TIP36B TIP36C @ Ta < 25° TIP36 3.5 TIP36A TIP36B TIP36C TJ Junction Temperature TIP36 150 °C TIP36A TIP36B TIP36C Ts Storage Temperature range TIP36 -65 to +150 TIP36A TIP36B TIP36C THERMAL CHARACTERISTICS Symbol Ratings Value Unit RthJ-MB From junction to mounting base TIP36 1 °C/W TIP36A TIP36B TIP36C RthJ-A From junction to ambient in free air TIP36 35.7 °C/W TIP36A TIP36B TIP36C |