Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

0263003.WRT2 Fiches technique(PDF) 2 Page - Littelfuse

No de pièce 0263003.WRT2
Description  263 Series, PICO짰 II 250 Volt, Very Fast-Acting Fuse
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0263003.WRT2 Fiches technique(HTML) 2 Page - Littelfuse

  0263003.WRT2 Datasheet HTML 1Page - Littelfuse 0263003.WRT2 Datasheet HTML 2Page - Littelfuse 0263003.WRT2 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
208
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
263 Series
Please refer to www.littelfuse.com/series/263.html for current information.
PICO® ll > Very Fast-Acting > 263 Series
Average Time Current Curves
100
10
1
0.1
0.01
0.001
0.05 0.1
1
10
100
CURRENT IN AMPERES
Temperature Rerating Curve
Soldering Parameters
Wave Parameter
Lead-Free Recommendation
Preheat:
100
° C
150
° C
Preheat Time:
Solder PotTemperature:
260
°
Solder DwellTime:
Recommended Hand-Solder Parameters:
Note: These devices are not recommended for IR or
Convection Reflow process.
Recommended Process Parameters:



Html Pages

1 2 3