| Moteur de recherche de fiches techniques de composants électroniques |
|
BDT64 Fiches technique(PDF) 2 Page - Comset Semiconductor |
|
|
|||||||||||||||||||||||||||||
BDT64 Fiches technique(HTML) 2 Page - Comset Semiconductor |
|
2 / 5 page ![]() BDT64-A-B-C 26/09/2012 COMSET SEMICONDUCTORS 2 | 5 SEMICONDUCTORS ABSOLUTE MAXIMUM RATINGS Symbol Ratings Value Unit IB Base Current BDT64 -500 mA BDT64A BDT64B BDT64C PT Power Dissipation @ Tmb < 25° BDT64 125 Watts BDT64A BDT64B BDT64C TJ Junction Temperature BDT64 150 °C BDT64A BDT64B BDT64C Ts Storage Temperature range BDT64 -65 to +150 BDT64A BDT64B BDT64C Limiting values in accordance with the Absolute Maximum System (IEC 134) THERMAL CHARACTERISTICS Symbol Ratings Value Unit Rthj-c Thermal Resistance, Junction to Case 1 °C/W |