Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RT9727A Fiches technique(PDF) 4 Page - Richtek Technology Corporation

No de pièce RT9727A
Description  N-MOSFET Load Switch Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RICHTEK [Richtek Technology Corporation]
Site Internet  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9727A Fiches technique(HTML) 4 Page - Richtek Technology Corporation

  RT9727A Datasheet HTML 1Page - Richtek Technology Corporation RT9727A Datasheet HTML 2Page - Richtek Technology Corporation RT9727A Datasheet HTML 3Page - Richtek Technology Corporation RT9727A Datasheet HTML 4Page - Richtek Technology Corporation RT9727A Datasheet HTML 5Page - Richtek Technology Corporation RT9727A Datasheet HTML 6Page - Richtek Technology Corporation RT9727A Datasheet HTML 7Page - Richtek Technology Corporation RT9727A Datasheet HTML 8Page - Richtek Technology Corporation RT9727A Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
RT9727A
4
DS9727A-01 April 2011
www.richtek.com
Note 1.
Stresses listed as the above "Absolute Maximum Ratings" may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2.
θJA is measured in the natural convection at TA = 25°C on a low effective thermal conductivity single layer test board of
JEDEC 51-3 thermal measurement standard.
Note 3.
Devices are ESD sensitive. Handling precaution is recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9