Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAM3X Fiches technique(PDF) 47 Page - ATMEL Corporation

No de pièce SAM3X
Description  AT91SAM ARM-based Flash MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3X Fiches technique(HTML) 47 Page - ATMEL Corporation

Back Button SAM3X Datasheet HTML 43Page - ATMEL Corporation SAM3X Datasheet HTML 44Page - ATMEL Corporation SAM3X Datasheet HTML 45Page - ATMEL Corporation SAM3X Datasheet HTML 46Page - ATMEL Corporation SAM3X Datasheet HTML 47Page - ATMEL Corporation SAM3X Datasheet HTML 48Page - ATMEL Corporation SAM3X Datasheet HTML 49Page - ATMEL Corporation SAM3X Datasheet HTML 50Page - ATMEL Corporation SAM3X Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 71 page
background image
49
11057BS–ATARM–13-Jul-12
SAM3X/A
49
11057BS–ATARM–13-Jul-12
SAM3X/A
10.10 Real Time Clock
• Low power consumption
• Full asynchronous design
• Two hundred year calendar
• Programmable Periodic Interrupt
• Alarm and update parallel load
• Control of alarm and update Time/Calendar Data In
10.11 General-Purpose Backup Registers
• Eight 32-bit general-purpose backup registers
10.12 Nested Vectored Interrupt Controller
• Thirty maskable interrupts
• Sixteen priority levels
• Dynamic reprioritization of interrupts
• Priority grouping
– selection of preempting interrupt levels and non preempting interrupt levels.
• Support for tail-chaining and late arrival of interrupts.
– back-to-back interrupt processing without the overhead of state saving and
restoration between interrupts.
• Processor state automatically saved on interrupt entry, and restored on interrupt exit, with no
instruction overhead.
10.13 Chip Identification
• Chip Identifier (CHIPID) registers permit recognition of the device and its revision.
• .JTAG ID: 0x05B2B03F
Table 10-1.
ATSAM3A/X Chip IDs Register
Chip Name
CHIPID_CIDR
CHIPID_EXID
ATSAM3X8H (Rev A)
0x286E0A60
0x0
ATSAM3X8E (Rev A)
0x285E0A60
0x0
ATSAM3X4E (Rev A)
0x285B0960
0x0
ATSAM3X8C (Rev A)
0x284E0A60
0x0
ATSAM3X4C (Rev A)
0x284B0960
0x0
ATSAM3A8C (Rev A)
0x283E0A60
0x0
ATSAM3A4C (Rev A)
0x283B0960
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71