| Moteur de recherche de fiches techniques de composants électroniques |
|
82536070 Fiches technique(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
|
|||||||||||||||||||||||||||||
82536070 Fiches technique(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
3 / 5 page ![]() Artikelnummer / part number : 82.536.070 Bezeichnung : description : 0603 SMD VARISTOR SMD size: 0603 D Rollenspezifikation / tape and reel specification : 1 - Carrier tape and transparent cover tape should be heat-sealed to carry the products, and the reel should be used to reel the carrier tape. 2 - The adhesion of the heat-sealed cover tape shall be 40 ﹢20/ ﹣15grams. 3 - Both the head and the end portion of the taping shall be empty for reel package and SMT auto-pickup machine. And a normal paper tape shall be conected in the head of taping for the operator to handle. (Unit : mm) TAPE SPECIFICATION (Unit : mm) Würth Elektronik eiSos GmbH & Co.KG - Radialex department Würth Elektronik eiSos GmbH & Co.KG - Radialex department Würth Elektronik eiSos GmbH & Co.KG - Radialex department Würth Elektronik eiSos GmbH & Co.KG - Radialex department D-74638 Waldenburg · Max-Eyth-Straße 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400 http://www.we-online.com Kunde / customer : Spezifikation für Freigabe / specification for release Symbol A0 B0 K0 T2 T D0 D1 P1 P2 P0 W E F ±0.10 ±0.10 ±0.10 ±0.05 ±0.05 +0.10 ±0.05 ±0.10 ±0.05 ±0.05 ±0.20 ±0.10 ±0.05 -0.00 402 0.85 1.25 0.65 0.22 0.10 1.50 1.00 4.00 2.00 4.00 8.00 1.75 3.50 603 1.05 1.88 0.95 0.22 0.10 1.50 1.00 4.00 2.00 4.00 8.00 1.75 3.50 805 1.42 2.30 1.04 0.22 0.10 1.50 1.00 4.00 2.00 4.00 8.00 1.75 3.50 1206 1.88 3.50 1.27 0.2 0.10 1.50 1.00 4.00 2.00 4.00 8.00 1.75 3.50 1210 2.18 3.46 1.45 0.22 0.10 1.50 1.00 4.00 2.00 4.00 8.00 1.75 3.50 1812 3.66 4.95 1.74 0.25 0.10 1.50 1.50 8.00 2.00 4.00 12.00 1.75 5.50 2220 5.10 5.97 2.80 0.25 0.10 1.50 1.50 8.00 2.00 4.00 12.00 1.75 5.50 PAGE/SEITE 3 - TO/VON 5 |