| Moteur de recherche de fiches techniques de composants électroniques |
|
LCX021AM Fiches technique(PDF) 19 Page - Sony Corporation |
|
|
|||||||||||||||||||||||||||||
LCX021AM Fiches technique(HTML) 19 Page - Sony Corporation |
|
19 / 24 page ![]() – 19 – LCX021AM 3. 18-dot simultaneous sampling The horizontal shift register samples SIGB1 to SIGB6, SUGG1 to SIGG6 and SIGR1 to SIGR6 signals simultaneously. This requires phase matching between signals SIGB1 to SIGB6, SIGG1 to SIGG6 and SIGR1 to SIGR6 to prevent the horizontal resolution from deteriorating. Thus phase matching between each signal is required using an external signal delaying circuit before applying the video signal to the LCD panel. The block diagram of the delaying procedure using simple-and-hold method is as follows. The following phase relationship diagram indicates the phase setting for right scan (RGT = High level). For left scan (RGT = Low level), the phase settings for signals SIGB1 to SIGB6, SIGG1 to SIGG6 and SIGR1 to SIGR6 are exactly reversed. S/H CK1 CK2 CK3 CK4 CK5 S/H S/H S/H S/H S/H CK6 S/H S/H S/H S/H S/H SIGB1, SIGG1, SIGR1 SIGB2, SIGG2, SIGR2 SIGB3, SIGG3, SIGR3 SIGB4, SIGG4, SIGR4 SIGB5, SIGG5, SIGR5 SIGB6, SIGG6, SIGR6 SIGB1, SIGG1, SIGR1 SIGB2, SIGG2, SIGR2 SIGB3, SIGG3, SIGR3 SIGB4, SIGG4, SIGR4 SIGB5, SIGG5, SIGR5 SIGB6, SIGG6, SIGR6 HCKn CK1 CK3 CK5 CK2 CK4 CK6 <Phase relationship of delaying sample-and-hold pulses> (right scan) |