Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCX016AM Fiches technique(PDF) 21 Page - Sony Corporation

No de pièce LCX016AM
Description  3.3cm (1.3-inch) Black-and-White LCD Panel
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX016AM Fiches technique(HTML) 21 Page - Sony Corporation

Back Button LCX016AM Datasheet HTML 14Page - Sony Corporation LCX016AM Datasheet HTML 15Page - Sony Corporation LCX016AM Datasheet HTML 16Page - Sony Corporation LCX016AM Datasheet HTML 17Page - Sony Corporation LCX016AM Datasheet HTML 18Page - Sony Corporation LCX016AM Datasheet HTML 19Page - Sony Corporation LCX016AM Datasheet HTML 20Page - Sony Corporation LCX016AM Datasheet HTML 21Page - Sony Corporation LCX016AM Datasheet HTML 22Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
– 21 –
LCX016AM
Notes on Handling
(1) Static charge prevention
Be sure to take the following protective measures. TFT-LCD panels are easily damaged by static charges.
a) Use non-chargeable gloves, or simply use bare hands.
b) Use an earth-band when handling.
c) Do not touch any electrodes of a panel.
d) Wear non-chargeable clothes and conductive shoes.
e) Install conductive mats on the working floor and working table.
f) Keep panels away from any charged materials.
g) Use ionized air to discharge the panels.
(2) Protection from dust and dirt
a) Operate in a clean environment.
b) When delivered, the panel surface (Polarizer) is covered by a protective sheet. Peel off the protective
sheet carefully so as not to damage the panel.
c) Do not touch the panel surface. The surface is easily scratched. When cleaning, use a clean-room
wiper with isopropyl alcohol. Be careful not to leave a stain on the surface.
d) Use ionized air to blow dust off the panel.
(3) Other handling precautions
a) Do not twist or bend the flexible PC board especially at the connecting region because the board is
easily deformed.
b) Do not drop the panel.
c) Do not twist or bend the panel or panel frame.
d) Keep the panel away from heat sources.
e) Do not dampen the panel with water or other solvents.
f) Avoid storing or using the panel at a high temperature or high humidity, which may result in panel
damages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22