Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCX016AL Fiches technique(PDF) 21 Page - Sony Corporation

No de pièce LCX016AL
Description  3.3cm (1.3-inch) Black-and-White LCD Panel
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX016AL Fiches technique(HTML) 21 Page - Sony Corporation

Back Button LCX016AL Datasheet HTML 16Page - Sony Corporation LCX016AL Datasheet HTML 17Page - Sony Corporation LCX016AL Datasheet HTML 18Page - Sony Corporation LCX016AL Datasheet HTML 19Page - Sony Corporation LCX016AL Datasheet HTML 20Page - Sony Corporation LCX016AL Datasheet HTML 21Page - Sony Corporation LCX016AL Datasheet HTML 22Page - Sony Corporation LCX016AL Datasheet HTML 23Page - Sony Corporation LCX016AL Datasheet HTML 24Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
– 21 –
LCX016AL
3. 6-dot Simultaneous Sampling
The horizontal shift register samples signals SIG1 to SIG6 simultaneously. This requires phase matching
between signals SIG1 to SIG6 to prevent the horizontal resolution from deteriorating. Thus, phase matching
between each signal is required using an external signal delaying circuit before applying the video signal to
the LCD panel.
The block diagram of the delaying procedure using the sample-and-hold method is as follows. The following
phase relationship diagram indicates the phase setting for right scan (RGT = High level). For left scan (RGT =
Low level), the phase settings for signals SIG1 to SIG6 are exactly reversed.
S/H
CK1
CK2
SIG3
SIG6
SIG1
SIG3
SIG6
SIG1
SIG2
SIG2
SIG4
SIG4
SIG5
SIG5
CK3
CK4
CK5
S/H
S/H
S/H
S/H
S/H
CK6
S/H
S/H
S/H
S/H
S/H
6
4
3
5
7
8
HCKn
CK1
CK3
CK5
CK2
CK4
CK6
<Phase relationship of delaying sample-and-hold pulses> (right scan)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24