| Moteur de recherche de fiches techniques de composants électroniques |
|
ILX533KB Fiches technique(PDF) 10 Page - Sony Corporation |
|
|
|||||||||||||||||||||||||||||
ILX533KB Fiches technique(HTML) 10 Page - Sony Corporation |
|
10 / 11 page ![]() – 10 – ILX533KB 4) Dust and dirt protection a) Operate in clean environments. b) Do not either touch glass plates by hand or have any object come in contact with glass surfaces. Should dirt stick to a glass surface, blow it off with an air blower. (For dirt stuck through static electricity ionized air is recommended.) c) Clean with a cotton bud and ethyl alcohol if the glass surface is grease stained. Be careful not to scratch the glass. d) Keep in a case to protect from dust and dirt. To prevent dew condensation, preheat or precool when moving to a room with great temperature differences. 5) Exposure to high temperatures or humidity will affect the characteristics. Accordingly avoid storage or usage in such conditions. 6) CCD image sensors are precise optical equipment that should not be subject to mechanical shocks. |