| Moteur de recherche de fiches techniques de composants électroniques |
|
DCM37SF Fiches technique(PDF) 8 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DCM37SF Fiches technique(HTML) 8 Page - ITT Industries |
|
8 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 7 D Subminiature D*M Straight Solder Termination (Machined) — Standard PC Tails Part Numbers Shell Size Layout Standoff Standoff & Boardlock Standoff, Boardlock & Screw Lock DE 9 DEMV9SNA197 DEMZ9SNA197 DEMN9SNA197 DA 15 DAMV15SNA197 DAMZ15SNA197 DAMN15SNA197 DB 25 DBMV25SNA197 DBMZ25SNA197 DBMN25SNA197 DC 37 DCMV37SNA197 DCMZ37SNA197 DCMN37SNA197 DD 50 DDMV50SNA197 DDMZ50SNA197 DDMN50SNA197 Note: For contacts with 30 microinches gold substitute K126 for A197. Example: DEMN9SNK126 Dimensions Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) W ±0,38 (.015) L ±0,25 (.010) DE 30,81 (1.213) 16,33 (.643) 24,99 (.984) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 0,76 (.030) DA 39,14 (1.541) 24,66 (.971) 33,32 (1.312) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 0,76 (.030) DB 53,04 (2.088) 38,38 (1.511) 47,04 (1.852) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 0,76 (.030) DC 69,32 (2.729) 54,84 (2.159) 63,50 (2.500) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 0,76 (.030) DD 66,93 (2.635) 52,42 (2.064) 61,11 (2.406) 10,74 (.423) 15,37 (.605) 10,90 (.429) 6,94 (.273) 0,76 (.030) Receptacle L 5,69 (.224) 2,84 (.112) F W 2,84 (.112) Engaging Face Hardware removed for clarity Hardware removed for clarity DD Configuration Selection Guide For Product Features, Specifications, Materials and Finishes, see pages 2-3. Reader’s Resource For contact cavity arrangements, see page 224. For P.C. hole patterns, see page 274. For panel cutouts, see page 221. For hardware views (Standard), see page 226. A C B E D 10 ° POSITION 1 Ø 0,76 (.030) 2,92 (.115) 6,50 ± 0,25 (.256 ± .010) BOARDLOCK 7,62 ± 0,25 (.300 ± .010) SCREW LOCK # 4-40 UNC 4,52 (.178) STANDOFF # 4-40 UNC |