Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DCMM37SC Fiches technique(PDF) 12 Page - ITT Industries

No de pièce DCMM37SC
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

DCMM37SC Fiches technique(HTML) 12 Page - ITT Industries

Back Button DCMM37SC Datasheet HTML 8Page - ITT Industries DCMM37SC Datasheet HTML 9Page - ITT Industries DCMM37SC Datasheet HTML 10Page - ITT Industries DCMM37SC Datasheet HTML 11Page - ITT Industries DCMM37SC Datasheet HTML 12Page - ITT Industries DCMM37SC Datasheet HTML 13Page - ITT Industries DCMM37SC Datasheet HTML 14Page - ITT Industries DCMM37SC Datasheet HTML 15Page - ITT Industries DCMM37SC Datasheet HTML 16Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
11
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,38 (.015)
L
±0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DD
66,93 (2.635)
52,42 (2.064)
61,11 (2.406)
10,74 (.423)
15,37 (.605)
10,90 (.429)
6,94 (.273)
0,76 (.030)
D Subminiature
D*
Straight Solder Termination (Machined) — European PC Tails
Part Numbers
Shell Size
Layout
Through Hole
Standoff #4-40 UNC
With Pushfit/Boardlock
Standoff M3 With
Pushfit/Boardlock
DE
9
DE9S-0L2-A197
DEE9S-0L2-A197-146
DEX9S-0L2-A197-146
DA
15
DA15S-0L2-A197
DAE15S-0L2-A197-146
DAX15S-0L2-A197-146
DB
25
DB25S-0L2-A197
DBE25S-0L2-A197-146
DBX25S-0L2-A197-146
DC
37
DC37S-0L2-A197
DCE37S-0L2-A197-146
DCX37S-0L2-A197-146
DD
50
DD50S-0L2-A197
DDE50S-0L2-A197-146
DDX50S-0L2-A197-146
Note: For performance class 2 add -A191. Example DA15S-0L2-A191-A197
Receptacle
DD Configuration
5,69 (.224)
2,84 (.112)
L
Engaging Face
Selection Guide
For Product Features, Specifications,
Materials and Finishes, see pages 2-3.
Reader’s Resource
For contact cavity arrangements,
see page 224.
For P.C. hole patterns, see page 274.
For panel cutouts, see page 221.
For hardware views (European),
see page 227.
PC Tail
Modifier
X
±0,30 (.012)
Y
±0,30 (.012)
OL2
5,20 (.205)
10,20 (.401)
OL4
6,75 (.266)
11,80 (.465)
F
W
2,84 (.112)
10
°
D
E
C
B
A
Ø 3,05
(.120)
POSITION 1
Ø 0,60 (.024)
Y
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More