| Moteur de recherche de fiches techniques de composants électroniques |
|
DCMM37SC Fiches technique(PDF) 232 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DCMM37SC Fiches technique(HTML) 232 Page - ITT Industries |
|
232 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 231 PCB Hole Pattern — Standard Coaxial 90 ° — Receptacle E 5W1 4 #20 1#8 A 3W3 0 #20 3 #8 A 7W2 5 #20 2 #8 A 11W1 10 #20 1#8 B 5W5 0 #20 5 #8 B 9W4 5 #20 4 #8 B 13W3 10 #20 3 #8 B 17W2 15 #20 2 #8 B 21W1 20 #20 1#8 7,19 (.283) REAR FLANGE REF 8,64 (.340) REAR FLANGE REF 5,49 (.216) 5,49 (.216) 8,23 (.324) Mounting Hole Signal Contact 25,00 (.984) 2,84 (.112) 2,54 (.100) 2,54 (.100) 9,40 (.370) Coax Contact Mounting Hole REAR FLANGE REF 8,64 (.340) REAR FLANGE REF 6,86 (.270) 6,86 (.270) 33,32 (1.312) 2,54 (.100) 2,54 (.100) Coax Contact 9,40 (.370) Mounting Hole Signal Contact REAR FLANGE REF 8,64 (.340) REAR FLANGE REF 2,84 (.112) 7,19 (.283) 5,49 (.216) 6,86 (.270) 6,86 (.270) 2,74 (.108) 33,32 (1.312) 2,54 (.100) 2,54 (.100) Coax Contact 9,40 (.370) Mounting Hole Signal Contact 2,84 (.112) 7,19 (.283) REAR FLANGE REF 8,64 (.340) REAR FLANGE REF 5,49 (.216) 5,49 (.216) 8,23 (.324) 8,23 (.324) 8,23 (.324) 6,86 (.270) 9,60 (.378) 6,86 (.270) 9,60 (.378) 33,32 (1.312) 2,54 (.100) 2,54 (.100) 9,40 (.370) Coax Contact Mounting Hole REAR FLANGE REF 8,64 (.340) REAR FLANGE REF 9,40 (.370) 14,48 (.570) 2,54 (.100) 2,54 (.100) Coax Contact 14,48 (.570) 7,67 (.302) 5,94 (.234) 0,86 (.034) 47,04 (1.852) 5,54(.218) 8,28 (.326) 6,91 (.272) 9,68 (.381) Mounting Hole Signal Contact 2,84 (.112) 7,19 (.283) REAR FLANGE REF 8,64 (.340) REAR FLANGE REF 9,40 (.370) 7,77 (.306) 14,48 (.570) 2,54 (.100) 2,54 (.100) Coax Contact 14,48 (.570) 4,14 (.163) 47,04 (1.852) 5,54(.218) 8,28 (.326) 5,54(.218) 6,91 (.272) 9,68 (.381) Mounting Hole Signal Contact 2,80 (.110) 2,84 (.112) 7,19 (.283) REAR FLANGE REF 8,64 (.340) REAR FLANGE REF 9,40 (.370) 7,77 (.306) 14,48 (.570) 2,54 (.100) 2,54 (.100) Coax Contact 14,48 (.570) 4,14 (.163) 47,04 (1.852) 5,54(.218) 5,54(.218) 13,82 (.544) 8,28 (.326) 13,82 (.544) 8,28 (.326) 5,54(.218) 8,28 (.326) 6,91 (.272) 9,68 (.381) 6,91 (.272) 9,68 (.381) Mounting Hole Signal Contact 2,80 (.110) 2,84 (.112) 7,19 (.283) REAR FLANGE REF 8,64 (.340) REAR FLANGE REF 2,54 (.100) 2,54 (.100) Coax Contact 9,40 (.370) 47,04 (1.852) 5,54(.218) 5,54(.218) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 8,28 (.326) 12,42 (.489) 15,19 (.598) 6,91 (.272) 9,68 (.381) 12,42 (.489) 15,19 (.598) 6,91 (.272) 9,68 (.381) Mounting Hole Signal Contact 2,84 (.112) 7,19 (.283) REAR FLANGE REF 8,64 (.340) REAR FLANGE REF 2,54 (.100) 2,54 (.100) 9,40 (.370) Coax Contact 47,04 (1.852) Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Signal Contact X Recommended PCB Hole X 0,76 (.030) 1,14 (.045) Mounting Type Recommended PCB Hole X Without Boardlock 3,05 (.120) With Boardlock 3,10 (.122) Size 8 Contact Type Recommended PCB Hole X Coaxial (C or X) 1,14 (.045) |