| Moteur de recherche de fiches techniques de composants électroniques |
|
DCMM37SC Fiches technique(PDF) 178 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DCMM37SC Fiches technique(HTML) 178 Page - ITT Industries |
|
178 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 177 D Subminiature Space/High Reliability 90 ° Solder Contact PCB Connector — European Footprint Receptacle Reader’s Resource For contact cavity arrangements, see page 224. For P.C. hole patterns, see page 273. For panel cutouts, see page 221. For hardware views (Standard), see page 226. Part Numbers Shell Size Layout Through Hole Dual Float Mount DE 9 DEM9SNM*1AON DEMY9SNM*1AON DA 15 DAM15SNM*1AON DAMY15SNM*1AON DB 25 DBM25SNM*1AON DBMY25SNM*1AON DC 37 DCM37SNM*1AON DCMY37SNM*1AON DD 50 DDM50SNM*1AON DDMY50SNM*1AON Notes: * For Residual Magnetism Level of 200 gamma, add B. Example: DEM9SNMB1AON For shells with 50 microinches gold, add K52. Example: DEM9SNM1AONK52 Dimensions Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) W ±0,38 (.015) K ±0,318 (.0125) L ±0,25 (.010) DE 30,81 (1.213) 16,33 (.643) 24,99 (.984) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) DA 39,14 (1.541) 24,66 (.971) 33,32 (1.312) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) DB 53,04 (2.088) 38,38 (1.511) 47,04 (1.852) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) DC 69,32 (2.729) 54,84 (2.159) 63,50 (2.500) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) DD 66,93 (2.635) 52,42 (2.064) 61,11 (2.406) 10,74 (.423) 15,37 (.605) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) DD Configuration Engaging Face 10 ° A C E D B Ø 0,60 (.024) Ø 3,05 (.120) 2,54 (.100) 9,40 ± 0,20 (.370 ± .008) K L 5,08 (.200) 5,00 (.197) 2,54 (.100) 9,40 ± 0,20 (.370 ± .008) W F 5,00 (.197) |