Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DCMM37SC Fiches technique(PDF) 169 Page - ITT Industries

No de pièce DCMM37SC
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

DCMM37SC Fiches technique(HTML) 169 Page - ITT Industries

Back Button DCMM37SC Datasheet HTML 165Page - ITT Industries DCMM37SC Datasheet HTML 166Page - ITT Industries DCMM37SC Datasheet HTML 167Page - ITT Industries DCMM37SC Datasheet HTML 168Page - ITT Industries DCMM37SC Datasheet HTML 169Page - ITT Industries DCMM37SC Datasheet HTML 170Page - ITT Industries DCMM37SC Datasheet HTML 171Page - ITT Industries DCMM37SC Datasheet HTML 172Page - ITT Industries DCMM37SC Datasheet HTML 173Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
168
D Subminiature
Space/High Reliability
Selection Index
Page
Space/High Reliability
An Introduction ....................................................... 169
Standard Layout Connectors
Straight PC Tail ..................................................... 172
90
° PC Tail with Plastic Bracket ......................................... 174
Solder Cup ......................................................... 180
D*MA Crimp Contact Cable Connectors
Standard Density .................................................... 182
High Density........................................................ 184
Contact Cavity Arrangements — High Density ............................... 186
Crimp Contacts and Tooling ............................................. 187
Combo DLayout Solder Cup Connector ................................... 188
Cable (Size 8) Loose Contacts
Coaxial 50 Ohm — Straight Crimp or Solder Braid ........................... 190
High Power — Solder or Crimp and Tooling ................................ 191
Accessories
Metal Backshells .................................................... 192
Screw Lock Assemblies ............................................... 194
NASA/GSFC Cross Reference ............................................ 195
ESA-SCC Cross Reference .............................................. 196



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More