Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAMM15SF Fiches technique(PDF) 121 Page - ITT Industries

No de pièce DAMM15SF
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMM15SF Fiches technique(HTML) 121 Page - ITT Industries

Back Button DAMM15SF Datasheet HTML 117Page - ITT Industries DAMM15SF Datasheet HTML 118Page - ITT Industries DAMM15SF Datasheet HTML 119Page - ITT Industries DAMM15SF Datasheet HTML 120Page - ITT Industries DAMM15SF Datasheet HTML 121Page - ITT Industries DAMM15SF Datasheet HTML 122Page - ITT Industries DAMM15SF Datasheet HTML 123Page - ITT Industries DAMM15SF Datasheet HTML 124Page - ITT Industries DAMM15SF Datasheet HTML 125Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
120
Part Numbers
Shell Size
Layout
Through Hole
Clinch Nut
#4-40 UNC
Clinch Nut
M3
Pushfit/Boardlock
#4-40 UNC
Pushfit/Boardlock
M3
DE
9
DEJK9P*-OL4
DEJKE9P*-OL4
DEJKX9P*-OL4
DEJKE9P*-OL4-146
DEJKX9P*-OL4-146
DA
15
DAJK15P*-OL4 DAJKE15P*-OL4
DAJKX15P*-OL4
DAJKE15P*-OL4-146
DAJKX15P*-OL4-146
DB
25
DBJK25P*-OL4 DBJKE25P*-OL4
DBJKX25P*-OL4
DBJKE25P*-OL4-146
DBJKX25P*-OL4-146
DC
37
DCJK37P*-OL4 DCJKE37P*-OL4
DCJKX37P*-OL4
DCJKE37P*-OL4-146
DCJKX37P*-OL4-146
DD
50
DDJK50P*-OL4 DDJKE50P*-OL4
DDJKX50P*-OL4
DDJKE50P*-OL4-146
DDJKX50P*-OL4-146
* Insert filter designator. Example: DEJK9P4-0L4 (for 1000 pF filter capacitance)
Note: For performance class 1 add -A190. Example: DEJK9P1-0L4-A190
D Subminiature
Filter D
D*JK — Straight P.C. Tails
Plug
Reader’s Resource
For contact cavity arrangements,
see page 224.
For P.C. hole patterns, see page 274.
For panel cutouts, see page 221.
For Hardware views (European),
see page 227.
For pushfit/boardlock configuration,
see page 225.
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,368 (.0145)
W
±0,41 (.016)
L
±0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2.406)
11,07 (.439)
15,37 (.607)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
Engaging Face
DD Configuration
A
C
B
E
D
8
1
Ø 3,05 (.120)
10
°
9
15
5,68 (.224)
2,84 (.112)
L
2,84 (.112)
W
F
Filter Designator*
Filter Capacitance
1
330 pF
2
470 pF
3
680 pF
4
1000 pF
5
1500 pF
For electrical data, see page 106.
Ø 0,60 (.024)
11,70
± 0,20
(.461
± .008)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com