| Moteur de recherche de fiches techniques de composants électroniques |
|
DM51157 Fiches technique(PDF) 235 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DM51157 Fiches technique(HTML) 235 Page - ITT Industries |
|
235 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change PCB Hole Pattern — European Coaxial 90 ° — Plug REAR FLANGE REF 10,90 (.429) 2,54 (.100) 2,54 (.100) 9,40 (.370) REAR FLANGE REF 5,49 (.216) 5,49 (.216) 8,23 (.324) Mounting Hole Signal Contact 25,00 (.984) Coax Contact Mounting Hole 9,40 (.370) REAR FLANGE REF 10,90 (.429) REAR FLANGE REF 6,86 (.270) 6,86 (.270) 33,32 (1.312) 2,54 (.100) 2,54 (.100) Coax Contact Mounting Hole Signal Contact 2,54 (.100) 2,54 (.100) 9,40 (.370) REAR FLANGE REF 10,90 (.429) REAR FLANGE REF 6,86 (.270) 6,86 (.270) 2,74 (.108) 5,49(.216) 33,32 (1.312) Coax Contact Mounting Hole Signal Contact 2,54 (.100) 9,40 (.370) REAR FLANGE REF 10,90 (.429) REAR FLANGE REF 8,23 (.324) 9,60 (.378) 6,86 (.270) 6,86 (.270) 9,60 (.378) 5,49 (.216) 5,49 (.216) 8,23 (.324) 8,23 (.324) 33,32 (1.312) Coax Contact 2,54(.100) Mounting Hole 2,54 (.100) 9,40 (.370) REAR FLANGE REF 10,90 (.429) REAR FLANGE REF 2,54 (.100) 14,48 (.570) Coax Contact 14,48 (.570) 7,67 (.302) 5,94 (.234) 0,86 (.034) 47,04 (1.852) 5,54(.218) 8,28 (.326) 6,91 (.272) 9,68 (.381) Mounting Hole 2,54 (.100) 9,40 (.370) REAR FLANGE REF 10,90 (.429) REAR FLANGE REF 2,54 (.100) Signal Contact 7,77 (.306) 14,48 (.570) Coax Contact 14,48 (.570) 4,14 (.163) 47,04 (1.852) 5,54(.218) 8,28 (.326) 5,54(.218) 6,91 (.272) 9,68 (.381) Mounting Hole 2,80 (.110) 2,54 (.100) 9,40 (.370) REAR FLANGE REF 10,90 (.429) REAR FLANGE REF 2,54 (.100) Signal Contact 7,77 (.306) 14,48 (.570) Coax Contact 14,48 (.570) 4,14 (.163) 47,04 (1.852) 5,54(.218) 5,54(.218) 13,82 (.544) 8,28 (.326) 13,82 (.544) 8,28 (.326) 5,54(.218) 8,28 (.326) 6,91 (.272) 9,68 (.381) 6,91 (.272) 9,68 (.381) Mounting Hole Signal Contact 2,80 (.110) 2,54 (.100) 9,40 (.370) REAR FLANGE REF 10,90 (.429) REAR FLANGE REF 2,54 (.100) Coax Contact 47,04 (1.852) 5,54(.218) 5,54(.218) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 8,28 (.326) 12,42 (.489) 15,19 (.598) 6,91 (.272) 9,68 (.381) 12,42 (.489) 15,19 (.598) 6,91 (.272) 9,68 (.381) Mounting Hole Signal Contact 2,54 (.100) 9,40 (.370) REAR FLANGE REF 10,90 (.429) REAR FLANGE REF Coax Contact 2,54(.100) 47,04 (1.852) E 5W1 4 #20 1#8 A 3W3 0 #20 3 #8 A 7W2 5 #20 2 #8 A 11W1 10 #20 1#8 B 5W5 0 #20 5 #8 B 9W4 5 #20 4 #8 B 13W3 10 #20 3 #8 B 17W2 15 #20 2 #8 B 21W1 20 #20 1#8 Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Signal Contact X Recommended PCB Hole X 0,60 (.024) 1,00 (.039) Mounting Type Recommended PCB Hole X Without Boardlock 3,05 (.120) With Boardlock 3,10 (.122) Size 8 Contact Type Recommended PCB Hole X Coaxial (C or X) 1,14 (.045) 234 |